Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 32 Page - Infineon Technologies AG

Part # XMC4100
Description  ARM® Cortex®-M4 32-bit processor core
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 32 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 28Page - Infineon Technologies AG XMC4100 Datasheet HTML 29Page - Infineon Technologies AG XMC4100 Datasheet HTML 30Page - Infineon Technologies AG XMC4100 Datasheet HTML 31Page - Infineon Technologies AG XMC4100 Datasheet HTML 32Page - Infineon Technologies AG XMC4100 Datasheet HTML 33Page - Infineon Technologies AG XMC4100 Datasheet HTML 34Page - Infineon Technologies AG XMC4100 Datasheet HTML 35Page - Infineon Technologies AG XMC4100 Datasheet HTML 36Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 93 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
32
V1.4, 2018-09
Figure 8 explains the input voltage ranges of
V
IN and VAIN and its dependency to the
supply level of
V
DDP.The input voltage must not exceed 4.3 V, and it must not be more
than 1.0 V above
V
DDP. For the range up to VDDP + 1.0 V also see the definition of the
overload conditions in Section 3.1.3.
Figure 8
Absolute Maximum Input Voltage Ranges
V
4.3
VSS
-1.0
A
A
B
Abs. max. input voltage VIN with VDDP > 3.3 V
Abs. max. input voltage VIN with VDDP ≤ 3.3 V
V
VDDP + 1.0
VSS
-1.0
VDDP
B
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com