Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 41 Page - Infineon Technologies AG

Part # XMC4100
Description  ARM® Cortex®-M4 32-bit processor core
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 41 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 37Page - Infineon Technologies AG XMC4100 Datasheet HTML 38Page - Infineon Technologies AG XMC4100 Datasheet HTML 39Page - Infineon Technologies AG XMC4100 Datasheet HTML 40Page - Infineon Technologies AG XMC4100 Datasheet HTML 41Page - Infineon Technologies AG XMC4100 Datasheet HTML 42Page - Infineon Technologies AG XMC4100 Datasheet HTML 43Page - Infineon Technologies AG XMC4100 Datasheet HTML 44Page - Infineon Technologies AG XMC4100 Datasheet HTML 45Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 93 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
41
V1.4, 2018-09
Table 24
HIB_IO Class_A1 special Pads
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Max.
Input leakage current
I
OZHIB
CC
-500
500
nA
0 V
≤ V
IN ≤ VBAT
Input high voltage
V
IHHIB
SR
0.6
× V
BAT
V
BAT + 0.3
V
max. 3.6 V
Input low voltage
V
ILHIB
SR
-0.3
0.36
× V
BAT
V
Input Hysteresis for
HIB_IO pins
1)
1) Hysteresis is implemented to avoid metastable states and switching due to internal ground bounce. It can not
be guaranteed that it suppresses switching due to external system noise.
HYSHIB
CC
0.1
× V
BAT
−
V
V
BAT ≥ 3.13 V
0.06
×
V
BAT
−
V
V
BAT < 3.13 V
Output high voltage,
POD
1) = medium
V
OHHIB
CC
V
BAT - 0.4
−
V
I
OH ≥ -1.4 mA
Output low voltage
V
OLHIB
CC
−
0.4
V
I
OL ≤ 2mA
Fall time
t
FHIB CC
−
50
ns
V
BAT ≥ 3.13 V
C
L =50 pF
−
100
ns
V
BAT < 3.13 V
C
L =50 pF
Rise time
t
RHIB CC
−
50
ns
V
BAT ≥ 3.13 V
C
L =50 pF
−
100
ns
V
BAT < 3.13 V
C
L =50 pF
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com