Electronic Components Datasheet Search
  English  ▼

X  

XMC4100 Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # XMC4100
Description  ARM® Cortex®-M4 32-bit processor core
PDF  93 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

XMC4100 Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button XMC4100 Datasheet HTML 60Page - Infineon Technologies AG XMC4100 Datasheet HTML 61Page - Infineon Technologies AG XMC4100 Datasheet HTML 62Page - Infineon Technologies AG XMC4100 Datasheet HTML 63Page - Infineon Technologies AG XMC4100 Datasheet HTML 64Page - Infineon Technologies AG XMC4100 Datasheet HTML 65Page - Infineon Technologies AG XMC4100 Datasheet HTML 66Page - Infineon Technologies AG XMC4100 Datasheet HTML 67Page - Infineon Technologies AG XMC4100 Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 93 page
background image
XMC4100 / XMC4200
XMC4000 Family
Electrical Parameters
Data Sheet
64
V1.4, 2018-09
Sleep supply current
3)
Peripherals enabled
Frequency:
f
CPU / fPERIPH / fCCU in MHz
I
DDPS
CC
−
76
−
mA
80 / 80 / 80
−
73
−
80 / 40 / 40
−
70
−
40 / 40 / 80
−
56
−
24 / 24 / 24
−
47
−
1/1/1
f
CPU / fPERIPH / fCCU in kHz
−
46
−
100 / 100 / 100
Sleep supply current
4)
Peripherals disabled
Frequency:
f
CPU / fPERIPH / fCCU in MHz
I
DDPS
CC
−
59
−
mA
80 / 80 / 80
−
58
−
80 / 40 / 40
−
57
−
40 / 40 / 80
−
51
−
24 / 24 / 24
−
46
−
1/1/1
f
CPU / fPERIPH / fCCU in kHz
−
46
−
100 / 100 / 100
Deep Sleep supply
current
5)
Flash in Sleep mode
Frequency:
f
CPU / fPERIPH / fCCU in MHz
I
DDPD CC
−
6.9
−
mA
24 / 24 / 24
−
4.3
−
4/4/4
−
3.8
−
1/1/1
f
CPU / fPERIPH / fCCU in kHz
−
4.5
−
100 / 100 / 100
6)
Hibernate supply current
RTC on
7)
I
DDPH CC
−
10.8
−μA
V
BAT =3.3 V
−
8.0
−
V
BAT =2.4 V
−
6.8
−
V
BAT =2.0 V
Hibernate supply current
RTC off
8)
I
DDPH CC
−
10.3
−μA
V
BAT =3.3 V
−
7.5
−
V
BAT =2.4 V
−
6.3
−
V
BAT =2.0 V
Worst case active supply
current
9)
I
DDPA
CC
−−
140
10)
mA
V
DDP =3.6 V,
T
J =150
oC
V
DDA power supply current
I
DDA
CC
−−
−11)
mA
I
DDP current at PORST Low
I
DDP_PORST
CC
−−
24
mA
V
DDP =3.6 V,
T
J =150
oC
Table 38
Power Supply Parameters
Parameter
Symbol
Values
Unit
Note /
Test Condition
Min.
Typ.
Max.
Subject to Agreement on the Use of Product Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com