Electronic Components Datasheet Search
  English  ▼

X  

ISL68236IRAZ Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # ISL68236IRAZ
Description  Digital Dual Output, 9-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68236IRAZ Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button ISL68236IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 9Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 10Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 107 page
background image
ISL68225, ISL68236
1. Overview
R16DS0047EU0100 Rev.1.00
Page 7 of 106
Oct.1.20
Figure 2. ISL68225 8+1 Solution Using Smart Power Stage (ISL99392)
1µF
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
5V
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
470pF
470pF
470pF
470pF
470pF
470pF
470pF
ISL99392
ISL99392
ISL99392
ISL99392
ISL99392
ISL99392
ISL99392
1k
0.1µF
12V
3.3V
GND
GND
GND
GND
GND
GND
VCC
TEMP0
RGND0
VSEN0
nPMALERT
PMSDA
PMSCL
PWM0
CSRTN0
CS0
PWM6
CSRTN6
CS6
PWM1
CSRTN1
CS1
PWM2
CSRTN2
CS2
PWM3
CSRTN3
CS3
PWM4
CSRTN4
CS4
PWM5
CSRTN5
CS5
RGND1
VSEN1
ISL68225
PG0
EN0
PG1
EN1
VINSEN
nVRHOT
CONFIG
ADDRESS
nPINALERT
CFP
PWM
IREFIN
TMON
FAULT#
IMON
PVCC
VCC
BOOT
PHASE
SW
GND
VIN
0.1µF
2x22µF
12V
470pF
COUT
OUT1
0.1µF
LGCTRL
OUT0
COUT
3300pF
100
100
100
100
100
100
VOS
VOS
VOS
VOS
VOS
VOS
VOS
470pF
PWM8
CSRTN8
CS8
TEMP1
100
3300pF
FAULT#
FAULT#
FAULT#
FAULT#
FAULT#
FAULT#
FAULT#
VCCS
100
10µF
0.056µF
0.056µF
0.056µF
0.056µF
0.056µF
0.056µF
1k
470pF
100
0.056µF
0.01µF
10k
40.2k
5V
VMON
PWM
TREF
TOUT/FLT
LSET
IOUT
PVCC
VCC
BOOT
PHASE
SW
VIN
0.1µF
2x22µF
12V
5V
470pF
GND
PWM7
CSRTN7
CS7
5V
ISL99360
100
VOS
FAULT#
0.056µF
ISL99392



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com