Electronic Components Datasheet Search
  English  ▼

X  

ISL68236IRAZ Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # ISL68236IRAZ
Description  Digital Dual Output, 9-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68236IRAZ Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button ISL68236IRAZ Datasheet HTML 93Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 94Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 95Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 96Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 97Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 98Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 99Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 100Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 107 page
background image
ISL68225, ISL68236
10. PMBus Command Detail
R16DS0047EU0100 Rev.1.00
Page 97 of 106
Oct.1.20
10.91 LOOPCFG (F0h)
Definition: Configures various rail settings. To make a change, read the value, modify only the desired bits, and
write the value while preserving the bit settings.
Access: Paged
Data Length in Bytes: 4
Data Format: Bit Field
Type: R/W
Default Value: 102031F6h
Command
LOOPCFG (F0h)
Format
Bit Field
Bit Position
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
16
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0001
00000
0100
000
Bit Position
15
14
13
12
11
10
987
6543
210
Access
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Function
See Following Table
Default Value
0011
00011
1110
110
Bit Position
Field
Function
31
Not Used
Not used
30:29
Reserved
Reserved
28
Diode Emulation Mode
1 = Enable diode emulation for power_mode 3
27:12
Reserved
Reserved
11:8
Minimum Phase Count
Minimum phase count, 0-9
7
Reserved
Reserved
6
Diode Emulation
Enable
1 = Enable diode emulation
5:4
Reserved
Reserved
3:1
Reserved
Reserved
0
APD enable
1 = Enable auto phase add/drop



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com