Electronic Components Datasheet Search
  English  ▼

X  

ISL68236IRAZ Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # ISL68236IRAZ
Description  Digital Dual Output, 9-Phase PWM Controller
PDF  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

ISL68236IRAZ Datasheet(HTML) 1 Page - Renesas Technology Corp

  ISL68236IRAZ Datasheet HTML 1Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 2Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 3Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 4Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 5Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 6Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 7Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 8Page - Renesas Technology Corp ISL68236IRAZ Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 107 page
background image
R16DS0047EU0100 Rev.1.00
Page 1 of 106
Oct.1.20
ISL68225, ISL68236
Digital Dual Output, 9-Phase PWM Controller
Datasheet
The ISL68225 and ISL68236 are digital dual output
multiphase (X+Y ≤ 9) PWM controllers supporting
PMBus V1.3/AVSBus interfaces. The controllers can
be configured to support phase assignments up to a
maximum of nine phases across the two outputs (X
and Y). For example, 8+1, 7+2, 6+3, 5+4, or a single
output operation as a 9+0 configuration is supported.
Increased power density and PMBus V1.3 interface
support allow the devices to support any demanding
power supply requirement.
Additionally, the ISL68236 with AVSBus complements
PMBus by providing a common high-speed interface
to accelerate point-to-point communication between
the controller and load to statically and dynamically
control the processor voltage and deliver a balanced,
power efficient design.
The ISL68225 and ISL68236 use the proprietary
Renesas digital synthetic current modulation scheme
to achieve the industry-best combination of transient
response, ease of tuning, and efficiency across the
full load range. Diode emulation and automatic phase
add/drop features allow you to extract maximum
efficiency from the converter regardless of load
conditions. You can use the intuitive Renesas
PowerNavigator™ software to configure and monitor
the device.
With minimal external components, easy
configuration, robust fault management, and highly
accurate regulation capability, implementing a
high-performance, multiphase regulator has never
been easier.
Applications
• DDR memory solutions
• Artificial intelligence/accelerator cards (FPGA,
ASIC)
• Network equipment
• Server/storage equipment
• Telecom/datacom equipment
• Point-of-load power supply (DSP, ASIC, FPGA)
Features
• Advanced linear digital modulation scheme
○ Auto phase add/drop with PFM mode for
excellent load vs efficiency profile
○ Dual edge modulation with optional diode braking
for faster transient response
○ Excellent VOUT transition performance
○ Zero latency synthetic current control for excellent
high frequency current balance
• Flexible phase assignment from 0 to 9 phases per
output
• Up to 2MHz switching frequency operation for high
density designs
• Differential remote voltage sensing supports ±0.5%
closed-loop system accuracy over load, line, and
temperature
• Highly accurate current sensing for excellent
load-line regulation and accurate OCP
○ Supports the full range of Renesas Smart Power
Stage (SPS) devices
• Comprehensive fault management enables high
reliability systems
○ Pulse-by-pulse (per phase) and total output
current limiting
○ Black Box status recording capability with first
fault indicator
• Intuitive configuration using PowerNavigator
• SMBus/PMBus V1.3 compatible
• Up to 16 user configurations stored in device
Non-Volatile Memory (NVM)
Related Literature
For a full list of related documents, visit our website:
• ISL68225 and ISL68236 device pages


Similar Part No. - ISL68236IRAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 98P
Digital Triple Output, 3-Phase PWM Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 103P
Digital Dual Output, 5-Phase Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 97P
Digital Triple Output, 6-Phase PWM Controller
Oct.1.20
ISL68236 RENESAS-ISL68236 Datasheet
1Mb / 96P
Digital Triple Output, 8-Phase PWM Controller
Oct.1.20
More results

Similar Description - ISL68236IRAZ

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3536 IRF-IR3536 Datasheet
354Kb / 3P
Digital Multi-Phase Buck Controller 6-phase 8-phase dual output PWM Controller
logo
Intersil Corporation
ISL69137 INTERSIL-ISL69137 Datasheet
88Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
September 6, 2016
logo
Renesas Technology Corp
ISL69147 RENESAS-ISL69147 Datasheet
177Kb / 2P
Digital Dual Output 7-Phase AMD PWM Controller
ISL68220 RENESAS-ISL68220 Datasheet
1Mb / 98P
Digital Dual Output, 2-Phase PWM Controller
Oct.1.20
ISL69124 RENESAS-ISL69124 Datasheet
187Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69125 RENESAS-ISL69125 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, VR13 PWM Controller
Jan 4, 2018
ISL69127 RENESAS-ISL69127 Datasheet
177Kb / 2P
Digital Dual Output 61-Phase VR13 PWM Controller
Jan 12, 2018
ISL69134 RENESAS-ISL69134 Datasheet
181Kb / 2P
Digital Dual Output, 4-Phase Configurable, IMVP8 PWM Controller
Jan 15, 2018
ISL69137 RENESAS-ISL69137 Datasheet
183Kb / 2P
Digital Dual Output, 7-Phase Configurable, IMVP8 PWM Controller
Feb 28, 2018
ISL69144 RENESAS-ISL69144 Datasheet
179Kb / 2P
Digital Dual Output 4-Phase AMD PWM Controller
Jan 12, 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com