Electronic Components Datasheet Search
  English  ▼

X  

CP34063 Datasheet(PDF) 5 Page - Ceramate Technical

Part # CP34063
Description  1.5A,Step-Up/Down/Inverting Switching Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP34063 Datasheet(HTML) 5 Page - Ceramate Technical

  CP34063 Datasheet HTML 1Page - Ceramate Technical CP34063 Datasheet HTML 2Page - Ceramate Technical CP34063 Datasheet HTML 3Page - Ceramate Technical CP34063 Datasheet HTML 4Page - Ceramate Technical CP34063 Datasheet HTML 5Page - Ceramate Technical CP34063 Datasheet HTML 6Page - Ceramate Technical CP34063 Datasheet HTML 7Page - Ceramate Technical CP34063 Datasheet HTML 8Page - Ceramate Technical CP34063 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
170 µH
L
8
180
7
Rsc
0.22
6
Vin
12 V
100
+
5
R1 2.2 k
R2
47 k
SQ
R
Q2
Q1
Ipk
Osc
CT
VCC
+
- Comp.
1.25 V
Ref
Reg
1
2
3
4
1N5819
CT
1500
pF
330
CO
+
Vout
28 V/175 mA
Vout
1.0 µH
+
100
Optional Filter
Test
Conditions
Results
Line Regulation
Vin = 8.0 V to 16 V, IO = 175 mA
30 mV =
±0.05%
Load Regulation
Vin = 12 V, IO = 75 mA to 175 mA
10 mV =
±0.017%
Output Ripple
Vin = 12 V, IO = 175 mA
400 mVpp
Efficiency
Vin = 12 V, IO = 175 mA
87.7%
Output Ripple With Optional Filter
Vin = 12 V, IO = 175 mA
40 mVpp
Figure 8. Step–Up Converter
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page
5 of 10
Rev 1.
1 Jul.18,2003



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com