Electronic Components Datasheet Search
  English  ▼

X  

CP34063 Datasheet(PDF) 1 Page - Ceramate Technical

Part # CP34063
Description  1.5A,Step-Up/Down/Inverting Switching Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP34063 Datasheet(HTML) 1 Page - Ceramate Technical

  CP34063 Datasheet HTML 1Page - Ceramate Technical CP34063 Datasheet HTML 2Page - Ceramate Technical CP34063 Datasheet HTML 3Page - Ceramate Technical CP34063 Datasheet HTML 4Page - Ceramate Technical CP34063 Datasheet HTML 5Page - Ceramate Technical CP34063 Datasheet HTML 6Page - Ceramate Technical CP34063 Datasheet HTML 7Page - Ceramate Technical CP34063 Datasheet HTML 8Page - Ceramate Technical CP34063 Datasheet HTML 9Page - Ceramate Technical Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
The CP34063 Series is a monolithic control circuit containing the
primary functions required for DC–to–DC converters. These devices
consist of an internal temperature compensated reference, comparator,
controlled duty cycle oscillator with an active current limit circuit,
driver and high current output switch. This series was specifically
designed to be incorporated in Step–Down and Step–Up and
Voltage–Inverting applications with a minimum number of external
components.
• Operation from 3.0 V to 40 V Input
• Low Standby Current
• Current Limiting
• Output Switch Current to 1.5 A
• Output Voltage Adjustable
• Frequency Operation to 100 kHz
• Precision 2% Reference
Figure 1. Representative Schematic Diagram
SQ
R
Q2
Q1
100
Ipk
Oscillator CT
Comparator
+
-
1.25 V
Reference
Regulator
1
2
3
4
5
6
7
8
Drive
Collector
Ipk
Sense
VCC
Comparator
Inverting
Input
Switch
Collector
Switch
Emitter
Timing
Capacitor
Gnd
(Bottom View)
This device contains 51 active transistors.
SOP–8
PDIP–8
1
8
1
8
PIN CONNECTIONS
1
2
3
4
6
7
8
1 -
Switch Collector
2 -
Switch Emitter
3 -
Timing Capacitor
4 -
Gnd
5 -
Comparator Inverting Input
6 -
Vcc
7 -
Ipk Sense
8 -
Driver Collector
5
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 1 of 10
Rev 1.
1 Jul.18,2003


Similar Part No. - CP34063

ManufacturerPart #DatasheetDescription
logo
Same Sky Devices
CP34-M SAMESKY-CP34-M Datasheet
650Kb / 4P
PELTIER MODULE
09/12/2024
logo
Central Semiconductor C...
CP341V CENTRAL-CP341V Datasheet
42Kb / 1P
Small Signal Transistors NPN - Low VCE(SAT) Transistor Chip
CP341V CENTRAL-CP341V_10 Datasheet
387Kb / 2P
Small Signal Transistors NPN - Low VCE(SAT) Transistor Chip
CP343V CENTRAL-CP343V Datasheet
631Kb / 2P
N-Channel Enhancement-Mode MOSFET Chip
CP343V-CXDM1002N CENTRAL-CP343V-CXDM1002N Datasheet
786Kb / 4P
N-Channel MOSFET Die Enhancement-Mode
R0 27-August 2018
More results

Similar Description - CP34063

ManufacturerPart #DatasheetDescription
logo
Avic Technology
AV34063 AVICTEK-AV34063 Datasheet
257Kb / 8P
1.5A,Step-Up/Down Inverting Switching Regulators
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
logo
ON Semiconductor
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
logo
Unisonic Technologies
MC3063 UTC-MC3063 Datasheet
188Kb / 4P
1.5A,STEP-UP/DOWN/INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com