Electronic Components Datasheet Search
  English  ▼

X  

CP34063 Datasheet(PDF) 10 Page - Ceramate Technical

Part # CP34063
Description  1.5A,Step-Up/Down/Inverting Switching Regulators
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CERAMATE [Ceramate Technical]
Direct Link  http://www.ceramate.com.tw
Logo CERAMATE - Ceramate Technical

CP34063 Datasheet(HTML) 10 Page - Ceramate Technical

Back Button CP34063 Datasheet HTML 2Page - Ceramate Technical CP34063 Datasheet HTML 3Page - Ceramate Technical CP34063 Datasheet HTML 4Page - Ceramate Technical CP34063 Datasheet HTML 5Page - Ceramate Technical CP34063 Datasheet HTML 6Page - Ceramate Technical CP34063 Datasheet HTML 7Page - Ceramate Technical CP34063 Datasheet HTML 8Page - Ceramate Technical CP34063 Datasheet HTML 9Page - Ceramate Technical CP34063 Datasheet HTML 10Page - Ceramate Technical  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
CP34063
1.5A,Step-Up/Down/Inverting Switching Regulators
* All specs and applications shown above subject to change without prior notice.
1F-5 NO.66 SEC.2 NAN-KAN RD ., LUCHU ,
TAOYUAN, TAIWAN
Email: server@ceramate.com.tw
Tel:886-3-3214525
Http: www.ceramate.com.tw
Fax:886-3-3521052
Page 10 of 10
Rev 1.
1 Jul.18,2003
Small Outline
SOP-8
INCHES
MILLIMETERS
SYMBOL
MIN
MAX
MIN
MAX
NOTES
A
0.188
0.197
4.80
5.00
-
B
0.149
0.158
3.80
4.00
-
C
0.228
0.244
5.80
6.20
-
D
0.050
BSC
1.27 BSC
-
E
0.013
0.020
0.33
0.51
-
F
0.004
0.010
0.10
0.25
-
H
0.053
0.069
1.35
1.75
-
J
0.011
0.019
0.28
0.48
K
0.007
0.010
0.19
0.25
-
M
0.016
0.050
0.40
1.27
L
0.150 REF
3.81 REF
-
e1
450
450
-
α
00
80
00
80
-



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com