Electronic Components Datasheet Search
  English  ▼

X  

LT8610AX Datasheet(PDF) 5 Page - Analog Devices

Part # LT8610AX
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AX Datasheet(HTML) 5 Page - Analog Devices

  LT8610AX Datasheet HTML 1Page - Analog Devices LT8610AX Datasheet HTML 2Page - Analog Devices LT8610AX Datasheet HTML 3Page - Analog Devices LT8610AX Datasheet HTML 4Page - Analog Devices LT8610AX Datasheet HTML 5Page - Analog Devices LT8610AX Datasheet HTML 6Page - Analog Devices LT8610AX Datasheet HTML 7Page - Analog Devices LT8610AX Datasheet HTML 8Page - Analog Devices LT8610AX Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LTC2879X
5
Rev 0
For more information www.analog.com
TYPICAL PERFORMANCE CHARACTERISTICS
Driver Differential Output Voltage
vs Supply Voltage
Driver Differential Output Voltage
vs Temperature
Driver Output Low/High Voltage
vs Output Current
Driver Output Short-Circuit
Current vs Voltage
Driver and Receiver Propagation
Delay vs VCC
VCC Supply Current vs Voltage for
Various Modes, No Load
VCC Supply Current vs Temperature
for Various Modes, No Load
VCC Supply Current vs Data Rate
TA = 25°C. VCC = 5V, unless otherwise noted. (Note 2)
ICCDR
ICCD
ICCR
ICCS (nA)
3
3.5
4
4.5
5
5.5
500
550
600
650
700
750
0
1
2
3
4
5
2879X G01
VCC (V)
ICCDR
ICCD
ICCR
ICCS (nA)
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
500
550
600
650
700
750
800
0.1
1
10
100
1k
10k
100k
2879X G02
RS485 54Ω/100pF LOAD (FIG. 5) VCC = 5V
PROFI 100m CABLE W/TERM (FIG.1) VCC = 5V
RS485 54Ω/100pF LOAD (FIG. 5) VCC = 3.3V
NO LOAD, VCC = 5V
NO LOAD, VCC = 3.3V
DATA RATE (Mbps)
0
5
10
15
20
0
10
20
30
40
50
2879X G03
VCC (V)
3
3.5
4
4.5
5
5.5
0
1
2
3
4
5
6
7
2879X G04
VOD(PP) PROFIBUS LOADS (FIG.1)
VOD(422) (FIG.2, RL = 50)
VOD(485) (FIG.2, RL = 27)
VOD(PP) PROFI LOAD (Fig. 2), VCC = 5V
VOD(422) (Fig. 1, RL = 50Ω), VCC = 5V
VOD(485) (Fig. 1, RL = 27Ω), VCC = 5V
VOD(422) (Fig. 1, RL = 50Ω), VCC = 3.3V
VOD(485) (Fig. 1, RL = 27Ω), VCC = 3.3V
TEMPERATURE (°C)
–60 –30
0
30
60
90 120 150 180
0
1
2
3
4
5
6
2879X G05
VOH (VCC = 5.0V)
VOH (VCC = 3.3V)
VOL (VCC = 5.0V)
VOL (VCC = 3.3V)
OUTPUT CURRENT (mA)
0
10
20
30
40
50
0
1
2
3
4
5
2879X G06
OUTPUT LOW
OUTPUT HIGH
OUTPUT VOLTAGE (V)
–60
–40
–20
0
20
40
60
–160
–120
–80
–40
0
40
80
120
160
2879X G07
DRIVER
RECEIVER
3
3.5
4
4.5
5
5.5
0
10
20
30
40
50
60
2879X G08
VCC (V)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com