Electronic Components Datasheet Search
  English  ▼

X  

LT8610AX Datasheet(PDF) 12 Page - Analog Devices

Part # LT8610AX
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AX Datasheet(HTML) 12 Page - Analog Devices

Back Button LT8610AX Datasheet HTML 8Page - Analog Devices LT8610AX Datasheet HTML 9Page - Analog Devices LT8610AX Datasheet HTML 10Page - Analog Devices LT8610AX Datasheet HTML 11Page - Analog Devices LT8610AX Datasheet HTML 12Page - Analog Devices LT8610AX Datasheet HTML 13Page - Analog Devices LT8610AX Datasheet HTML 14Page - Analog Devices LT8610AX Datasheet HTML 15Page - Analog Devices LT8610AX Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LTC2879X
12
Rev 0
For more information www.analog.com
Note: Specifications in this section represent typical
values unless otherwise noted.
RS485/RS422 FOR HIGH TEMPERATURE
APPLICATIONS
RS485/RS422 offers high speed differential signaling for
robust communication between multiple devices over
long distances in noisy environments.
The LTC2879X was designed to operate in temperatures
from –55°C to 175°C, making it suitable for use in harsh
environments such as down-hole drilling and high tem-
perature industrial applications.
The LTC2879X is manufactured using special processing
steps to prevent intermetallic growth that can cause metal
voids on standard parts operating at high temperatures.
Low-drift, low-leakage circuitry and lack of a thermal
shutdown circuit allow the LTC2879X to meet critical
specifications, tested 100% at 175°C.
High Temperature Operating Life (HTOL), per JEDEC
JESD22, is used in the LTC2879X qualification to ensure
reliable high temperature performance. HTOL units
passed 3000 hours operating at 175°C, with no fails.
DRIVER
The driver is enabled when the LTC2879X is powered up
and DE is high. The polarity of A–B follows that of DI. That
is, when DI is high, A drives to a voltage that is greater
than B. If DI is low, B is higher than A. When the driver is
disabled with DE low, both outputs are high impedance
and the overall pin resistance is dominated by the receiver
inputs sharing pins A and B.
Driver Overvoltage and Overcurrent Protection
The LTC2879X driver outputs A and B are protected from
short circuits to any voltage within the absolute maximum
range of –60V to +60V, with a maximum differential volt-
age of –120V to +120V. The maximum short-circuit cur-
rent to any voltage within this range is ±250mA. The driver
includes a progressive foldback current limiting circuit
APPLICATIONS INFORMATION
that continuously reduces the driver current limit with
increasing output short circuit voltage to better manage
power dissipation and heating effects (see plot in Typical
Performance Characteristics section).
RECEIVER
The receiver provides full RS485/RS422 and PROFIBUS
compatibility. When enabled, the state of RO reflects the
polarity of (A–B). When the receiver is disabled, the out-
put is high impedance and RO weakly pulled high to VCC
through an internal 250k pull-up resistor.
High Receiver Input Resistance Permits 96 Nodes
The RS485 and PROFIBUS specifications allows for up
to 32 devices, each contributing one unit load, to be con-
nected together in one network. The A/B input current
of the LTC2879X is guaranteed to be 3× lower than the
standard, over the entire temperature range, permitting
a total of 96 LTC2879X devices in a contiguous network.
±25V Extended Common Mode Range
The LTC2879X receiver features an extended operating
common mode range of –25V to +25V. The wide com-
mon mode increases the reliability of operation in environ-
ments with high common mode voltages created by elec-
trical noise or local ground potential differences due to
ground loops. This extended common mode range allows
the LTC2879X to transmit and receive under conditions
that would cause data errors or possible device damage
in competing products.
Balanced Signal Threshold
The LTC2879X differential threshold is 120mV for rising
input signals and –120mV for falling signals. This consti-
tutes 240mV of hysteresis, which offers a high rejection
to signal noise that can otherwise falsely trip the receiver.
Since these thresholds are centered around zero volts
(i.e. “balanced”), the duty cycle is preserved for small
amplitude signals with slewed edges—typical of what is
observed at the end of a long cable. Figure 10 illustrates
this point.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com