Electronic Components Datasheet Search
  English  ▼

X  

LT8610AX Datasheet(PDF) 10 Page - Analog Devices

Part # LT8610AX
Description  ±60V Fault Tolerant RS485/RS422 Transceiver with Operation to 175°C
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LT8610AX Datasheet(HTML) 10 Page - Analog Devices

Back Button LT8610AX Datasheet HTML 6Page - Analog Devices LT8610AX Datasheet HTML 7Page - Analog Devices LT8610AX Datasheet HTML 8Page - Analog Devices LT8610AX Datasheet HTML 9Page - Analog Devices LT8610AX Datasheet HTML 10Page - Analog Devices LT8610AX Datasheet HTML 11Page - Analog Devices LT8610AX Datasheet HTML 12Page - Analog Devices LT8610AX Datasheet HTML 13Page - Analog Devices LT8610AX Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LTC2879X
10
Rev 0
For more information www.analog.com
TEST CIRCUITS
RIN =
VBUS
IIN
2879X F04
VCC
DI
RE
RO
DE
LOW
LOW
HIGH OR LOW
LTC2879X
IIN
B
A
+– VBUS
Figure 4. Receiver Input Current and Input Resistance
2879X F05
DI
B
0V
VCC
VO
½VO
90%
90%
0
0
10%
10%
A
A–B
tPLHD
tPHLD
tSKEWD
tRD
tFD
VCC
DI
RE
RO
DE
HIGH
HIGH
LTC2879X
B
54
100pF
A
100pF
Figure 5. Driver Timing Measurement
2879X F06
DE
B OR A
0V
0V
VCC
½VCC
½VCC
½VCC
VCC
VOL
VOH
A OR B
tZLD,
tZLSD
tZHD,
tZHSD
tLZD
0.5V
0.5V
tHZD,
tSHDND
VCC
DI
RE
RO
DE
B
A
LOW OR
HIGH
LOW OR
HIGH
LTC2879X
500
50pF
VCC WHEN
DI LOW
GND WHEN
DI HIGH
GND WHEN
DI LOW
VCC WHEN
DI HIGH
500
50pF
Figure 6. Driver Enable, Disable and Shutdown Timing Measurements



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com