Electronic Components Datasheet Search
  English  ▼

X  

AP7375 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 1 Page - Diodes Incorporated

  AP7375 Datasheet HTML 1Page - Diodes Incorporated AP7375 Datasheet HTML 2Page - Diodes Incorporated AP7375 Datasheet HTML 3Page - Diodes Incorporated AP7375 Datasheet HTML 4Page - Diodes Incorporated AP7375 Datasheet HTML 5Page - Diodes Incorporated AP7375 Datasheet HTML 6Page - Diodes Incorporated AP7375 Datasheet HTML 7Page - Diodes Incorporated AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
1 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
Description
The
DIODES™ AP7375 series is a wide input voltage range (45V),
low quiescent current (2.1uA), low-dropout linear regulator (LDO) able
to provide 300mA load current. The AP7375 family LDO offers an EN
pin that takes an input voltage of 45V to enable and disable the LDO
output.
The device features very fast response times against line voltage
transient and load current transient, and ensures no overshoot
voltage during start-up and short-circuit recovery. It also features
integrated short-circuit and thermal shutdown protection.
The AP7375 has 1.8V, 3.0V, 3.3V, and 5.0V fixed output voltage
versions, and is available in the SOT23, SOT25, and SOT89
packages.
Features
Wide Input Voltage Range: 3V to 45V
Maximum Output Current: 300mA
Low Dropout Voltage:
VDROP = 35mV@IOUT = 10mA (Typ.)
VDROP = 350mV@ IOUT = 100mA (Typ.)
Low Quiescent Current: 2.1
μA (Typ.)
Fixed Output Voltages: 1.8V, 3.0V, 3.3V and 5.0V
High Output Voltage Accuracy:
±2%
High PSRR: 85dB@1kHz
Excellent Line/Load Regulation
Thermal Shutdown Function
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony
Free. “Green” Device (Note 3)
For automotive applications requiring specific change
control (i.e. parts qualified to AEC-Q100/101/104/200, PPAP
capable, and manufactured in IATF 16949 certified facilities),
please contact us or your local Diodes representative.
https://www.diodes.com/quality/product-definitions/
Pin Assignments
(Top View)
(Top View)
SOT23
SOT89
(Top View)
5
3
2
1
4 NC
VOUT
VIN
GND
EN
SOT25
Applications
Battery-powered equipment
Smoke detectors and sensors
Microcontroller applications
Home appliances
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS), 2011/65/EU (RoHS 2) & 2015/863/EU (RoHS 3) compliant.
2. See https://www.diodes.com/quality/lead-
free/ for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and
Lead-free.
3. Halogen- and Antimony-
free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
1
2
3
VIN
GND
VOUT
GND
3
2
1
VIN
VOUT
GND


Similar Part No. - AP7375

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP7375Q DIODES-AP7375Q Datasheet
317Kb / 2P
Ultra-Low Quiescent, 45V Input Voltage, 150mA Automotive-Compliant LDO Regulator
October 2025
AP7375Q-18SP-13 DIODES-AP7375Q-18SP-13 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP7375Q-18Y-13 DIODES-AP7375Q-18Y-13 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP7375Q-30SP-13 DIODES-AP7375Q-30SP-13 Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
More results

Similar Description - AP7375

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204 Datasheet
377Kb / 2P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
ACE Technology Co., LTD...
ACE504A ACE-ACE504A Datasheet
349Kb / 12P
Wide Input Voltage Range, 150mA ULDO Regulator
VER 1.2
logo
BCD Semiconductor Manuf...
AP2204 BCDSEMI-AP2204_10 Datasheet
913Kb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
logo
Diodes Incorporated
AP7387 DIODES-AP7387 Datasheet
1Mb / 18P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
Rev. 3 - 2
AP2205 DIODES-AP2205 Datasheet
1,002Kb / 16P
WIDE INPUT VOLTAGE RANGE, 200mA ULDO REGULATOR
November 2020
AP7370 DIODES-AP7370 Datasheet
1Mb / 17P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
March 2019
AP7380 DIODES-AP7380 Datasheet
424Kb / 12P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
December 2017
AP7381 DIODES-AP7381 Datasheet
672Kb / 13P
WIDE INPUT VOLTAGE RANGE, 150mA ULDO REGULATOR
February 2020
AP7375Q DIODES-AP7375Q Datasheet
1Mb / 15P
AUTOMOTIVE COMPLIANT WIDE INPUT VOLTAGE RANGE 300mA ULDO REGULATOR
Rev. 4 - 2 September 2022
AP7583Q DIODES-AP7583Q Datasheet
1Mb / 21P
WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR WITH PG
December 2022 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com