Electronic Components Datasheet Search
  English  ▼

X  

AP7375 Datasheet(PDF) 11 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 11 Page - Diodes Incorporated

Back Button AP7375 Datasheet HTML 7Page - Diodes Incorporated AP7375 Datasheet HTML 8Page - Diodes Incorporated AP7375 Datasheet HTML 9Page - Diodes Incorporated AP7375 Datasheet HTML 10Page - Diodes Incorporated AP7375 Datasheet HTML 11Page - Diodes Incorporated AP7375 Datasheet HTML 12Page - Diodes Incorporated AP7375 Datasheet HTML 13Page - Diodes Incorporated AP7375 Datasheet HTML 14Page - Diodes Incorporated AP7375 Datasheet HTML 15Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
11 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Application Information
Output Capacitor
An output capacitor is required for the stability of the LDO. The recommended minimum output capacitance is 10
μF. A ceramic capacitor is
recommended, and temperature characteristics are X7R or X5R. Higher capacitance values help to improve load/line transient response. The
output capacitance may be increased to keep low undershoot/overshoot. Place output capacitor as close as possible to VOUT and GND pins.
Input Capacitor
A 1μF ceramic capacitor is recommended to connect between VIN and GND pins to decouple input power supply glitch and noise. The amount of
the capacitance may be increased without limit. This input capacitor must be located as close as possible to the device to assure input stability
and less noise. For PCB layout, a wide copper trace is required for both VIN and GND.
Current Limit and Short Circuit Protection
When output current at VOUT pin is higher than current-limit threshold or the VOUT pin is direct short to GND, the current-limit protection will be
triggered and clamp the output current at a pre-designed level to prevent overcurrent and thermal damage.
Thermal Protection
The AP7375 has internal thermal sense and protection circuits. When excessive power dissipation happens on the device, such as short circuit at
the output pin or very heavy load current with a large voltage drop across the device, the internal thermal protection circuit will be triggered, and it
will shut down the power MOSFET to prevent the LDO from damage. As soon as excessive thermal condition is removed and the temperature of
the device drops down, the thermal protection circuit will lease the control of the power MOSFET, and the LDO device goes to normal operation.
Layout Considerations
For good ground loop and stability, the input and output capacitors should be located close to the input, output, and ground pins of the device. The
regulator ground pin should be connected to the external circuit ground to reduce voltage drop caused by trace impedance. Ground plane is
generally used to reduce trace impedance. Wide trace should be used for large current paths from VIN to VOUT, and load circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com