Electronic Components Datasheet Search
  English  ▼

X  

AP7375 Datasheet(PDF) 16 Page - Diodes Incorporated

Part # AP7375
Description  WIDE INPUT VOLTAGE RANGE, 300mA ULDO REGULATOR
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP7375 Datasheet(HTML) 16 Page - Diodes Incorporated

Back Button AP7375 Datasheet HTML 10Page - Diodes Incorporated AP7375 Datasheet HTML 11Page - Diodes Incorporated AP7375 Datasheet HTML 12Page - Diodes Incorporated AP7375 Datasheet HTML 13Page - Diodes Incorporated AP7375 Datasheet HTML 14Page - Diodes Incorporated AP7375 Datasheet HTML 15Page - Diodes Incorporated AP7375 Datasheet HTML 16Page - Diodes Incorporated AP7375 Datasheet HTML 17Page - Diodes Incorporated AP7375 Datasheet HTML 18Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
AP7375
Document number: DS44490 Rev. 3 - 2
16 of 18
www.diodes.com
September 2022
© Diodes Incorporated
AP7375
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
(1)
SOT23
X
Y
Y1
C
X1
Dimensions
Value (in mm)
C
2.0
X
0.8
X1
1.35
Y
0.9
Y1
2.9
(2)
SOT89
Y4
X2
Y1
X
Y
Y2
Y3
G
C
X1
Dimensions
Value
(in mm)
C
1.500
G
0.244
X
0.580
X1
0.760
X2
1.933
Y
1.730
Y1
3.030
Y2
1.500
Y3
0.770
Y4
4.530
(3)
SOT25
Dimensions
Value
Z
3.20
G
1.60
X
0.55
Y
0.80
C1
2.40
C2
0.95
X
Z
Y
C1
C2
C2
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com