Electronic Components Datasheet Search
  English  ▼

X  

TRACERDAQPRO Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Measurement Computing
(508) 946-5100
6
info@mccdaq.com
mccdaq.com
USB-2404 Series
Specifications (USB-2404-UI)
Half-Bridge and Full-Bridge Mode Excitation Level
Measurement
Conditions
Load
Resistance (Ω)
Excitation (V)
Half-Bridge
700
2.5
Half-Bridge
240
2.0
Full-Bridge
350
2.7
Full-Bridge
120
2.2
Power
Current Consumption from USB: 500 mA, max
Bus interface
USB Specification: USB 2.0 Hi-Speed
Environmental
The USB-2404-UI is intended for indoor use only, but may be used outdoors if
installed in a suitable enclosure.
Operating Temperature Range: 0 ºC to 60 ºC
Storage Temperature Range: –40 to 85 ºC
Operating Humidity: 10% to 90% RH, non-condensing
Storage Humidity: 5% to 95% RH, non-condensing
Maximum Altitude: 2000 meter (6562 feet)
Mechanical
Dimensions (L × W × H): 134 × 143 × 39 mm (5.27 × 5.64 × 1.54 in.)
Weight:1.25 lbs (567 grams)
Resistance, RTD, and Quarter-Bridge Mode Excitation
Level
Load Resistance (Ω)
Excitation (mV)
120
50
350
150
1,000
430
10,000
2,200
Input Noise
Mode, Range
Conversion Time
High Speed
Best of 60 Hz Rejection
Best of 50 Hz Rejection
High Resolution
Voltage, ±60 V
7.6
1.3
1.3
0.5
Voltage, ±15 V
10.8
1.9
1.9
0.7
Voltage, ±4 V
10.8
2.7
2.7
1.3
Voltage, ±1 V
7.6
1.3
1.3
0.5
Voltage/Thermocouple, ±125 mV
10.8
1.9
1.9
1.0
Current, ±25 mA
10.8
1.9
1.9
1.0
4- and 2-Wire resistance, 10 kΩ
4.1
1.3
0.8
0.3
4- and 2-Wire resistance, 1 kΩ
7.1
1.8
1.2
0.7
4- and 3-Wire RTD, Pt 1000
7.6
1.7
1.1
0.4
4- and 3-Wire RTD, Pt 100
10.8
1.9
1.9
0.9
Quarter-Bridge, 350 Ω
5.4
1.0
1.0
0.7
Quarter-Bridge, 120 Ω
5.4
1.0
1.0
0.7
Half-Bridge, ±500 mV/V
3.8
0.5
0.5
0.2
Full-Bridge, ±62.5 mV/V
5.4
1.0
1.0
0.8
Full-Bridge, ±7.8 mV/V
30
4.7
4.7
2.3
Safety Voltages
Connect only voltages that are within the limits specified below.
Channel-To-Earth Ground Isolation
Continuous: 250 VAC, Measurement Category II
Withstand: 2300 VAC, verified by a 5 second dielectric withstand test
Channel-To-Channel Isolation
Continuous: 250 VAC, Measurement Category II
Withstand:1390 VAC, verified by a 5 second dielectric withstand test
Measurement Category II is for measurements performed on circuits
directly connected to the electrical distribution system. This cat-
egory refers to local-level electrical distribution, such as that provided
by a standard wall outlet, for example 115 V for US or 230 V for Europe.
Do not connect the device to signals or use for measurements within Measure-
ment Categories III or IV.
Spring Terminal Connectors
Connector Type: Four 6-position detachable spring terminal connectors
Spring Terminal Wiring: 18 AWG to 28 AWG copper conductor wire with 7 mm
(0.28 in.) of insulation stripped from the end.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com