Electronic Components Datasheet Search
  English  ▼

X  

TRACERDAQPRO Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
Measurement Computing
(508) 946-5100
8
info@mccdaq.com
mccdaq.com
USB-2404 Series
April 2019. Rev 2
USB-2404-Series-data.indd
© Measurement Computing Corporation
Order Information
Hardware
Part No.
Description
USB-2404-UI
24-bit, 100 S/s, simultaneous-sampling DAQ device
with 4 simultaneous analog inputs for voltage,
temperature, and bridge-based sensors; includes USB
cable and MCC DAQ software
USB-2404-10
24-bit, 50 kS/s DAQ device with 4 simultaneous
analog inputs ±10 V; includes USB cable and MCC
DAQ software
USB-2404-60
24-bit, 50 kS/s DAQ device with 4 simultaneous
analog inputs ±60 V; includes USB cable and MCC
DAQ software
Ordering
Accessories and Cables
Part No.
Description
ACC-102
2-position screw terminal connector kit for the
USB-2404-10 and USB-2404-60 (quantity of 10)
ACC-160
Backshell kit for the USB-2404-10 and USB-2404-60
(quantity of 4)
ACC-164
6-position spring terminal connector kit for the
USB-2404-UI (quantity of 4)
ACC-176
Backshell kit for the USB-2404-UI (quantity of 4)
Software also Available from MCC
Part No.
Description
TracerDAQ Pro
Out-of-the-box virtual instrument suite with strip chart,
oscilloscope, function generator, and rate generator –
professional version
DASYLab
Icon-based data acquisition, graphics, control, and analysis
software



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com