Electronic Components Datasheet Search
  English  ▼

X  

TRACERDAQPRO Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # TRACERDAQPRO
Description  24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

TRACERDAQPRO Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  TRACERDAQPRO Datasheet HTML 1Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 2Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 3Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 4Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 5Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 6Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 7Page - List of Unclassifed Manufacturers TRACERDAQPRO Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2404 Series
Measurement Computing
(508) 946-5100
1
info@mccdaq.com
mccdaq.com
USB-2404 Series
Analog Input
Each USB-2404 Series device provides
simultaneous sampling of four analog
inputs, and 250 Vrms channel-to-channel
and channel-to-ground isolation.
All devices can connect to either ground-
referenced or floating signal sources.
USB-2404-UI
The USB-2404-UI provides four indi-
vidually configurable channels of 24-bit
universal analog input with integrated
signal conditioning. All channels are
measured simultaneously at up to 100 S/s
per channel.
The USB-2404-UI can perform the follow-
ing measurements:
• Voltage
• Current
• Thermocouple
• RTD (4-wire and 3-wire)
• Resistance (4-wire and 2-wire)
• Bridge-based sensors (quarter-, half-,
and full-bridge)
Measurement ranges vary for each type
of measurement.
The USB-2404-UI provides four isolated,
simultaneous analog inputs with support
for voltage, current, thermocouples, RTDs,
resistance, and bridge-based sensors.
USB-2404 Series Selection Chart
Model
Analog Inputs
Sample Rate
Per Channel
Measurement Types
Voltage Ranges
Isolation*
Anti-Alias
Filter
USB-2404-10
4
Up to 50 kS/s
Voltage
±10 V
✔
✔
USB-2404-60
4
Up to 50 kS/s
Voltage
±60 V
✔
✔
USB-2404-UI
4
Up to 100 S/s
Voltage, Current,Thermocouples,
RTDs, Resistance, and
Bridge-Based Sensors
±60 V, ±15 V,
±4 V, ±1 V,
±125 mV
✔
–
* 250 Vrms channel-to-channel and channel-to-ground
The USB-2404-UI features built-in current
and voltage excitation. The excitation
circuit is protected from overcurrent
and overvoltage fault conditions. The
USB-2404-UI supports class II TEDS smart
sensors, and includes a built-in thermistor
for cold-junction compensation (CJC).
An analog pre-filter removes noise that
may be present in the signals prior to
conversion.
24-Bit Devices for Voltage, Temperature, or Bridge-Based Sensors
Overview
The USB-2404-10 and USB-2404-60 are designed for both high-speed and accuracy.
Their resolution, sample rate, and input range make them ideal general-purpose
analog input devices. The USB-2404-UI is designed for multipurpose testing, and
can measure several signals from different sensors such as RTDs, thermocouples,
load cells, and other powered sensors.
All USB-2404 Series devices include channel-to-channel isolation to protect the
entire system from harmful voltage spikes and to eliminate measurement errors
caused by ground loops.
Features
• Four analog inputs
• 24-bit resolution
• simultaneous sampling
• Voltage measurements from
±125 mV to ±60 V
• USB-2404-UI also measures
current, thermocouples, RTDs,
resistance, and bridge-based
sensors
• Cold junction compensation
(CJC)
• 250 Vrms ch-ch and ch-gnd
isolation
• Anti-alias filter (USB-2404-10
and USB-2404-60)
• Detachable screw terminals
• No external power required
Supported Operating Systems
• Windows
11/10/8/7/
Vista® 32/64-bit
The USB-2404-10 and USB-2404-60 (above)
provide four isolated, 24-bit simultaneous
sampling analog inputs supporting ±10 V
or ±60 V voltage ranges


Similar Part No. - TRACERDAQPRO

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
762Kb / 4P
Single-Channel Thermocouple Measurement Device
September 2019. Rev 3
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
862Kb / 5P
12-bit, 20 MS/s, Simultaneous-Sampling, Ultra High-Speed USB Board
September 2019. Rev 6
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
749Kb / 7P
High-Speed Multifunction DAQ with Synchronous I/O
Rev 2, August 2017
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
TRACERDAQPRO ETC-TRACERDAQPRO Datasheet
1Mb / 8P
High-Speed Counter/Timer Devices with Digital I/O
April 2018. Rev 8
More results

Similar Description - TRACERDAQPRO

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1232 TI1-ADS1232 Datasheet
653Kb / 34P
24-Bit Analog-to-Digital Converter For Bridge Sensors
FEBRUARY 2008
ADS1231 TI1-ADS1231 Datasheet
478Kb / 22P
24-Bit Analog-to-Digital Converter for Bridge Sensors
DECEMBER2010
ADS1246 TI-ADS1246_13 Datasheet
1Mb / 70P
24-Bit Analog-to-Digital Converters for Temperature Sensors
ADS1231 TI1-ADS1231_14 Datasheet
466Kb / 23P
24-Bit Analog-to-Digital Converter for Bridge Sensors
ADS1232 TI1-ADS1232_14 Datasheet
952Kb / 40P
24-Bit Analog-to-Digital Converter For Bridge Sensors
ADS1246 TI1-ADS1246_14 Datasheet
1Mb / 71P
24-Bit Analog-to-Digital Converters for Temperature Sensors
logo
Nuvoton Technology Corp...
NAU7802 NUVOTON-NAU7802 Datasheet
1Mb / 42P
24-Bit Dual-Channel ADC For Bridge Sensors
NAU780 NUVOTON-NAU780 Datasheet
1Mb / 42P
24-Bit Dual-Channel ADC For Bridge Sensors
logo
List of Unclassifed Man...
USB-2416 ETC-USB-2416 Datasheet
918Kb / 5P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
USB-2408 ETC-USB-2408 Datasheet
938Kb / 6P
24-Bit Multifunction Temperature & Voltage Devices
September 2019. Rev 9
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com