Electronic Components Datasheet Search
  English  ▼

X  

ADM487EARZ Datasheet(PDF) 5 Page - Analog Devices

Part # ADM487EARZ
Description  5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487EARZ Datasheet(HTML) 5 Page - Analog Devices

  ADM487EARZ Datasheet HTML 1Page - Analog Devices ADM487EARZ Datasheet HTML 2Page - Analog Devices ADM487EARZ Datasheet HTML 3Page - Analog Devices ADM487EARZ Datasheet HTML 4Page - Analog Devices ADM487EARZ Datasheet HTML 5Page - Analog Devices ADM487EARZ Datasheet HTML 6Page - Analog Devices ADM487EARZ Datasheet HTML 7Page - Analog Devices ADM487EARZ Datasheet HTML 8Page - Analog Devices ADM487EARZ Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. B | Page 5 of 16
VCC = 5 V ± 10%, TA = TMIN to TMAX, unless otherwise noted.
Table 4. ADM487E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
DRIVER
Driver Propagation Delay Input to Output, Low to High
tDPLH
250
800
2000
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Driver Propagation Delay Input to Output, High to Low
tDPHL
250
800
2000
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Output Skew to Output
tSKEW
250
20
800
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Rise/Fall Time
tDR, tDF
250
2000
ns
RDIFF = 54 Ω, CL1 = CL2 = 100 pF
(see
Figure 19 and Figure 20)
Enable Time to High Level
tDZH
250
2000
ns
CL = 100 pF, S1 closed (see
Figure 21)
Enable Time to Low Level
tDZL
2000
ns
CL = 100 pF, S1 closed (see
Figure 22)
Disable Time from Low Level
tDLZ
300
3000
ns
CL = 15 pF, S1 closed (see
Figure 22)
Disable Time from High Level
tDHZ
300
3000
ns
CL = 15 pF, S1 closed (see
Figure 21)
RECEIVER
Receiver Propagation Delay Input to Output, Low to High
tRPLH
250
2000
ns
See
Figure 23 and Figure 24
Receiver Propagation Delay Input to Output, High to Low
tRPHL
250
2000
ns
See
Figure 23 and Figure 24
|tPLH − tPHL| Differential Receiver Skew
tSKEW
100
ns
See
Figure 23 and Figure 24
Enable Time to Low Level
tRZL
25
50
ns
CL = 15 pF, S2 closed (see
Figure 25)
Enable Time to High Level
tRZH
25
50
ns
CL = 15 pF, S1 closed (see
Figure 25)
Disable Time from Low Level
tRLZ
25
50
ns
CL = 15 pF, S2 closed (see
Figure 25)
Disable Time from High Level
tRHZ
25
50
ns
tPLH, tPHL < 50% of data period
Maximum Data Rate
fMAX
250
kbps
Time to Shutdown1
tSHDN
50
200
600
ns
Driver Enable from Shutdown to Output High
tDZH(SHDN)
5000
ns
CL = 100 pF, S1 closed (see
Figure 21)
Driver Enable from Shutdown to Output Low
tDZL(SHDN)
5000
ns
CL = 100 pF, S1 closed (see
Figure 22)
Receiver Enable from Shutdown to Output High
tRZH(SHDN)
5000
ns
CL = 15 pF, S2 closed (see
Figure 25)
Receiver Enable from Shutdown to Output Low
tRZL(SHDN)
5000
ns
CL = 15 pF, S1 closed (see
Figure 25)
1 The ADM487E is put into shutdown mode by bringing RE high and DE low. If the inputs are in this state for less than 50 ns, the parts are guaranteed not to enter
shutdown. If the inputs are in this state for at least 600 ns, the ADM487E is guaranteed to enter shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com