Electronic Components Datasheet Search
  English  ▼

X  

ADM487EARZ Datasheet(PDF) 7 Page - Analog Devices

Part # ADM487EARZ
Description  5 V, ±15 kV ESD Protected Half-Duplex, RS-485/RS-422 Transceivers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM487EARZ Datasheet(HTML) 7 Page - Analog Devices

Back Button ADM487EARZ Datasheet HTML 3Page - Analog Devices ADM487EARZ Datasheet HTML 4Page - Analog Devices ADM487EARZ Datasheet HTML 5Page - Analog Devices ADM487EARZ Datasheet HTML 6Page - Analog Devices ADM487EARZ Datasheet HTML 7Page - Analog Devices ADM487EARZ Datasheet HTML 8Page - Analog Devices ADM487EARZ Datasheet HTML 9Page - Analog Devices ADM487EARZ Datasheet HTML 10Page - Analog Devices ADM487EARZ Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
ADM485E/ADM487E/ADM1487E
Rev. B | Page 7 of 16
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
ADM485E/
ADM487E/
ADM1487E
TOP VIEW
(Not to Scale)
RO
1
RE
2
DE
3
DI
4
VCC
8
B
7
A
6
GND
5
Figure 2. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
RO
Receiver Output. When enabled, if A > B by 200 mV, then RO = high. If A < B by 200 mV, then RO = low.
2
RE
Receiver Output Enable. A low level enables the RO; a high level places it in a high impedance state.
3
DE
Driver Output Enable. A high level enables the driver differential outputs, Pin A and Pin B; a low level places
the driver in a high impedance state.
4
DI
Driver Input. When the driver is enabled, a logic low on DI forces Pin A low and Pin B high; a logic high on DI
forces Pin A high and Pin B low.
5
GND
Ground Connection (0 V).
6
A
Noninverting Receiver Input A/Driver Output A.
7
B
Inverting Receiver Input B/Driver Output B.
8
VCC
Power Supply (5 V ± 10%).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com