Electronic Components Datasheet Search
  English  ▼

X  

BB-9SPOP2. Datasheet(PDF) 2 Page - Advantech Co., Ltd.

Part # BB-9SPOP2.
Description  Industrial-grade, Isolated RS-232 Isolators & Repeaters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-9SPOP2. Datasheet(HTML) 2 Page - Advantech Co., Ltd.

  BB-9SPOP2. Datasheet HTML 1Page - Advantech Co., Ltd. BB-9SPOP2. Datasheet HTML 2Page - Advantech Co., Ltd. BB-9SPOP2. Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Online Download www.advantech.com/products
Model
Part Number to Order Description
ULI-234DS
BB-9SPOP2
Industrial RS-232 Optical Isolator – 2.0 kV 2-way isolation, 115.2 kbps, port powered.
ULI-234DSH BB-9SPOP4
Industrial RS-232 Optical Isolator – 2.0 kV 2-way isolation, 230.4 kbps.
PSU not included.
ULI-234TC
BB-232OPDR
Industrial Isolated RS-232 Repeater – 2.0 kV 2-way isolation, 115.2 kbps, wide operating temp., UL Recognized.
PSU not included.
ULI-234DC
BB-232OPDRI
Industrial Isolated RS-232 Repeater – 2.0 kV 3-way isolation, 115.2 kbps, wide operating temp., UL C1/D2, UL508.
PSU not included.
ULI-234DE
BB-232OPDRI-PH
Industrial Isolated RS-232 Repeater – 2.0 kV 3-way isolation, 115.2 kbps, wide operating temp., IEC61850-3, IEEE1613.
PSU not included.
Ordering Information
Dimensions - ULI-232DS
Unit = mm/in
Dimensions - ULI-232TC
Unit = mm
Dimensions - ULI-232DC
Unit = mm/in
Dimensions - ULI-232DE
Unit = mm
Model:
CE Standards
CE Directives
Other Standards
ULI-232DS
FCC (Part 15, CISPR),
UL 508 #E222870
2014/30/EU – Electromagnetic
Compatibility Directive (ECD)
2011/65/EU – amended by (EU)
2015/863 Reduction of Hazardous
Substances Directive (RoHS)
2012/19/EU – Waste Electrical &
Electronic Equipment (WEEE)
EMC:
EN 55032 Class B – Electromagnetic Compatibility of Multimedia Equipment –
Emission Requirements
EN 55024 – Information Technology Equipment – Immunity Characteristics – Limits
and Methods of Measurement
EN 55032+ AC – Class A Emissions
ULI-232DSH UL 508 #E222870
EN 61000-6-1 – Generic Immunity Standard for Residential,
Commercial and Light-industrial Environments
ULI-232TC
UL Recognized
#E222870, KCC
–
ULI-232DC UL C1/D2 #E245458,
UL 508 #E222870
EN 61000-6-1 – Generic Immunity Standard for Residential,
Commercial and Light-industrial Environments
ULI-232DE
UL C1/D2 #E245458,
IEC 61850-3, IEEE-
1613
EMC:
EN 55032 –Class A Electromagnetic Compatibility of Multimedia Equipment –
Emission Requirements
EN 55024 – Information Technology Equipment – Immunity Characteristics – Limits
and Methods of Measurement
EN 55011 + AC – Information Technology Equipment – Class A RF
Emissions
EN 61000-6-2 – Generic Immunity Standard for (Heavy) Industrial
Environments
Regulatory / Approvals / Certifications
•
FCC, CE (all models)
17.0 cm
0.66 in
61.0 cm
2.4 in
33.3 mm
1.3 in
53.09
95.25
73.91
105.92
78.99
11.94
24.89
123 mm
4.9 in
113 mm
4.5 in
32 mm
1.3 in
ULI-232DS
BB-9SPOP2
ULI-232DSH BB-9POP4
ULI-232TC
BB-232OPDR
ULI-232DC
BB-232OPDRI
ULI-232DE
BB-232OPDRI-PH



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com