Electronic Components Datasheet Search
  English  ▼

X  

BB-9SPOP2. Datasheet(PDF) 3 Page - Advantech Co., Ltd.

Part # BB-9SPOP2.
Description  Industrial-grade, Isolated RS-232 Isolators & Repeaters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-9SPOP2. Datasheet(HTML) 3 Page - Advantech Co., Ltd.

  BB-9SPOP2. Datasheet HTML 1Page - Advantech Co., Ltd. BB-9SPOP2. Datasheet HTML 2Page - Advantech Co., Ltd. BB-9SPOP2. Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
All product specifications are subject to change without notice.
Intelligent Connectivity
Model Number
ULI-232DS
ULI-232DSH
ULI-232TC
ULI-232DC
ULI-232DE
Part Number to Order
BB-9SPOP2
BB-9POP4
BB-232OPDR
BB-232OPDRI
BB-232OPDRI-PH
Description
RS-232 Isolators
2-way Isolated
RS-232 Repeater
Rugged, 3-way Isolated
RS-232 Repeater
Hardened, 3-way Isolated
RS-232 Repeater
Key Features
Port-powered – no PSU needed
230.4 kbps, suitable for laptops,
low-power ports
UL Recognized Component,
Terminal block connections
UL C1/D2, UL 508,
Oil & Gas applications
UL C1/D2, IEC 61850-3, IEEE-1613,
Electrical substation applications
Industrial Rating
Heavy-duty industrial applications
Isolation
2.0 kV
Isolated Lines
Input, Output
Input, Output, Power
ESD Protection
8 kV
15 kV air
Baud Rate, max.
115.2 kbps
230.4 kbps
115.2 kbps
RS-232 Connectors
DB9 female (DTE)
DB9 male (DCE)
DB9 female (DCE)
DB9 male (DTE)
Terminal block
DB9 female (DCE)
DB9 male (DTE)
Signal Range, meters
15 m
30 m
Power Input
5 Vdc
12 Vdc
10 to 30 Vdc
10 to 48 Vdc
Power Source
Port powered
External PSU (required)
Power Connector
–
2.5 mm jack
Terminal block
Operating Temperature
0 to +70 °C
-40 to +80 °C
-40 to +85 °C
Enclosure
Plastic
IP30 plastic
IP30 metal
Dimensions, mm
61 x 33 x 17 mm
104 x 43 x 20 mm
25 x 79 x 95 mm
123 x 113 x 32 mm
132 x 93 x 33 mm
Mounting Installation
In-line
DIN rail, Panel mount option
DIN rail
Panel mount, DIN rail option
MTBF (MIL217F), hours
674717
262084
244689
177250
194712
Regulatory/Approvals/
Certifications
FCC, CE
FCC (Part 15, CISPR),
UL 508 #E222870, EN55032 B,
EN55024, EN55032+ AC
UL 508 #E222870, EN55032 B,
EN55024, EN61000-6-1
UL Recognized #E222870, KCC,
EN55032 B, EN55024
UL C1/D2 #E245458*,
UL 508 #E222870, EN55032 B, EN
55024, EN61000-6-2
UL C1/D2 #E245458*, IEC61850-3†,
IEEE-1613‡, EN55032/A, EN55024,
EN55011/AC, EN61000-6-2
Last updated: 13-Aug-2021
• Optical isolation protects RS-232 data and equipment
• Repeaters extend RS-232 data an additional 15 meters
• Data rates up to 230.4 kbps
• 2.0 kV optical isolation on 2 or 3 lines (by model)
• Wide operating temperature range (by model)
• IP 30 metal or plastic enclosures options
• In-line, DIN rail, panel mount installation options
• Port or external PSU powering options
Common Features
Serial Converters Comparison Table
ULI-232 Series Selection Guide
Industrial Heavy-duty, RS-232 Isolators & Repeaters
IEEE-1613
*UL C1/D2
#E245458
†IEC61850-3
‡IEEE-1613



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com