Electronic Components Datasheet Search
  English  ▼

X  

BB-9SPOP2. Datasheet(PDF) 1 Page - Advantech Co., Ltd.

Part # BB-9SPOP2.
Description  Industrial-grade, Isolated RS-232 Isolators & Repeaters
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ADVANTECH [Advantech Co., Ltd.]
Direct Link  http://www.advantech.com
Logo ADVANTECH - Advantech Co., Ltd.

BB-9SPOP2. Datasheet(HTML) 1 Page - Advantech Co., Ltd.

  BB-9SPOP2. Datasheet HTML 1Page - Advantech Co., Ltd. BB-9SPOP2. Datasheet HTML 2Page - Advantech Co., Ltd. BB-9SPOP2. Datasheet HTML 3Page - Advantech Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
All product specifications are subject to change without notice.
Intelligent Connectivity
Serial Technology
LED Indicators
Isolation & ESD Protections
RS-232 Signal Range
Introduction
Industrial-grade, Isolated
RS-232 Isolators & Repeaters
Last updated: 13-Aug-2021
Advantech rugged isolators and isolated repeaters are ideal for demanding industrial applications. Optical isolation on input and output lines protects RS-232 data and
equipment from surges, voltage shorts and ground loops caused by lightning or heavy electrical loads. Model ULI-232DC provides triple isolation on input, output and power lines
and is UL Listed, UL C1/D2 rated. Heavy industrial Model ULI-232DE provides triple isolation and is IEC61850-3 and IEEE-1613 rated for electrical substation use.
Specifications
Features
Power
Mechanical
Environmental
Meantime Between Failures (MTBF)
• Calculation Method
MIL217F Parts Count Reliability Predictio
Model:
Data Rate (max):
RS-232 Connectors:
ULI-232DS*
115.2 kbps
DB9 female (DTE)
DB9 male (DCE)
ULI-232DSH
230.4 kbps
DB9 female (DCE)
DB9 male (DTE)
ULI-232TC
115.2 kbps
Terminal block
ULI-232DC
DB9 female (DCE)
DB9 male (DTE)
ULI-232DE
ULI-232DS BB-9SPOP2
ULI-232DSH BB-9POP4
ULI-232TC BB-232OPDR
ULI-232DC BB-232OPDRI
ULI-232DE BB-232OPDRI-PH
ULI-234DE
BB-232OPDRI-PH
ULI-234DC
BB-232OPDRI
• Optical isolation protects RS-232 data and equipment
• Repeaters extend RS-232 data an additional 15 meters
• Data rates up to 230.4 kbps
• 2.0 kV optical isolation on 2 or 3 lines (by model)
• Wide operating temperature range (by model)
• IP30 metal or plastic enclosures options
• In-line, DIN rail, panel mount installation options
• Port or external PSU powering options
IEEE-1613
Model:
Hours:
ULI-232DS
674717
ULI-232DSH
262084
ULI-232TC
244689
ULI-232DC
177250
ULI-232DE
194712
Model:
Enclosure:
Dimensions, mm:
Mounting:
Weight, gm
ULI-232DS
Plastic
61 x 33 x 17
In-line
36.3
ULI-232DSH
IP30 plastic
104 x 43 x 20
In-line
54.5
ULI-232TC
95 x 79 x 25
DIN rail, panel option
90.7
ULI-232DC
123 x 113 x 32
DIN rail
195
ULI-232DE
IP30 metal
132 x 93 x 31
Panel, DIN rail option
208.7
Model:
Operating Temperature: Storage Temperature:
Operating Humidity:
ULI-232DS
0 to +70 °C
-55 to +125 °C
0 to 95%, non-condensing
ULI-232DSH
-40 to +85 °C
ULI-232TC
-40 to +80 °C
ULI-232DC
ULI-232DE
-40 to +85 °C
Model:
Optical Isolation: Isolated Lines:
ESD Protection:
ULI-232DS
2.0 kV
Input, Output
8 kV air
ULI-232DSH
ULI-232TC
ULI-232DC
Input, Output, Power
ULI-232DE
15 kV air
Model:
Source:
Connector:
Input:
Consumption:
ULI-232DS
Port powered.
DTE: DTR, RTS
DCE: DCD, DSR, CTS
–
5 Vdc
Port powered
ULI-232DSH
External PSU*
2.5mm jack
12 Vdc
731 mW
ULI-232TC
Terminal block
10 to 30 Vdc
1.2 W
ULI-232DC
Terminal block
(2-position, removeable, 28-12
AWG wire, 4 kgf/cm torque)
10 to 48 Vdc
(56 Vdc, max.)
0.6 W
ULI-232DE
Terminal block
(2-position, removeable,
24-21 AWG copper wire only,
5.08 mm pitch, 5 kg/cm torque,
≥500 MΩ @ 500 Vdc insulation
resistance
0.55 W
(1.5 W, max.)
* External PSU required, not included, sold separately.
Model:
LED Indicators:
ULI-232DS
_
ULI-232DSH
ULI-232TC
Data LEDs for each side of isolator.
Power LED.
ULI-232DC
Data LEDs for TD, RD, CTS, RTS.
Power LED.
ULI-232DE
ULI-234DSH
BB-9POP4
Model:
Function:
Signal Range:
ULI-232DS
RS-232 isolator
15m
ULI-232DSH
ULI-232TC
RS-232 repeater
30m
ULI-232DC
ULI-232DE


Similar Part No. - BB-9SPOP2.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
BB-9SGF ADVANTECH-BB-9SGF Datasheet
451Kb / 1P
DB9 Female Low-profile Gender Changer
BB-9SGM ADVANTECH-BB-9SGM Datasheet
409Kb / 1P
DB9 Male Low-profile Gender Changer
More results

Similar Description - BB-9SPOP2.

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
PC-104 ADVANTECH-PC-104 Datasheet
2Mb / 2P
Isolated RS-232/422/ 485 Module
logo
Littelfuse
SE-485 LITTELFUSE-SE-485 Datasheet
370Kb / 8P
OPTICALLY ISOLATED RS-232 TO RS-422/485
logo
Moxa Inc.
TCC-82 MOXA-TCC-82 Datasheet
805Kb / 4P
Port-powered RS-232 4-channel isolators
TCC-120 MOXA-TCC-120 Datasheet
789Kb / 3P
Industrial RS-422/485 converters/repeaters
logo
Advantech Co., Ltd.
232OPDRI-PH ADVANTECH-232OPDRI-PH Datasheet
455Kb / 2P
Heavy Industrial RS-232 Isolated Repeater
SCP211-DFTB3 ADVANTECH-SCP211-DFTB3 Datasheet
318Kb / 1P
Industrial RS-232 to RS-422/485 Converters
BB-485DRCI-PH ADVANTECH-BB-485DRCI-PH Datasheet
374Kb / 2P
Heavy Industrial RS-232 to RS-422/485 Isolated Converter
logo
Coolgear Inc.
USBG-SSRS1 COOLGEAR-USBG-SSRS1 Datasheet
128Kb / 3P
USB RS-232 Adapter Industrial Isolated – Surge Protected FTDI Chip
logo
Advantech Co., Ltd.
BB-485DRCI ADVANTECH-BB-485DRCI Datasheet
497Kb / 2P
Industrial RS-232 to RS-422/485 Converter
BB-SCP211-DFTB3 ADVANTECH-BB-SCP211-DFTB3 Datasheet
212Kb / 2P
Industrial RS-232 to RS-422/485 Converters
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com