Electronic Components Datasheet Search
  English  ▼

X  

XRT73R06IB Datasheet(PDF) 27 Page - Exar Corporation

Part # XRT73R06IB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R06IB Datasheet(HTML) 27 Page - Exar Corporation

Back Button XRT73R06IB Datasheet HTML 23Page - Exar Corporation XRT73R06IB Datasheet HTML 24Page - Exar Corporation XRT73R06IB Datasheet HTML 25Page - Exar Corporation XRT73R06IB Datasheet HTML 26Page - Exar Corporation XRT73R06IB Datasheet HTML 27Page - Exar Corporation XRT73R06IB Datasheet HTML 28Page - Exar Corporation XRT73R06IB Datasheet HTML 29Page - Exar Corporation XRT73R06IB Datasheet HTML 30Page - Exar Corporation XRT73R06IB Datasheet HTML 31Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 68 page
background image
áç
áç
áç
áç
XRT73R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.0
24
NOTE: The above values are at TA = 250C and VDD = 3.3 V± 5%.
TABLE 1: E3 TRANSMITTER LINE SIDE OUTPUT AND RECEIVER LINE SIDE INPUT SPECIFICATIONS
PARAMETER
MIN
TYP
MAX
UNITS
TRANSMITTER LINE SIDE OUTPUT CHARACTERISTICS
Transmit Output Pulse Amplitude
(Measured at secondary of the transformer)
0.90
1.00
1.10
Vpk
Transmit Output Pulse Amplitude Ratio
0.95
1.00
1.05
Transmit Output Pulse Width
12.5
14.55
16.5
ns
Transmit Intrinsic Jitter
0.02
0.05
UIPP
RECEIVER LINE SIDE INPUT CHARACTERISTICS
Receiver Sensitivity (length of cable)
900
1200
feet
Interference Margin
-20
-14
dB
Jitter Tolerance @ Jitter Frequency 800KHz
0.15
0.28
UIPP
Signal level to Declare Loss of Signal
-35
dB
Signal Level to Clear Loss of Signal
-15
dB
Occurence of LOS to LOS Declaration Time
10
255
UI
Termination of LOS to LOS Clearance Time
10
255
UI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com