Electronic Components Datasheet Search
  English  ▼

X  

XRT73R06IB Datasheet(PDF) 29 Page - Exar Corporation

Part # XRT73R06IB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R06IB Datasheet(HTML) 29 Page - Exar Corporation

Back Button XRT73R06IB Datasheet HTML 25Page - Exar Corporation XRT73R06IB Datasheet HTML 26Page - Exar Corporation XRT73R06IB Datasheet HTML 27Page - Exar Corporation XRT73R06IB Datasheet HTML 28Page - Exar Corporation XRT73R06IB Datasheet HTML 29Page - Exar Corporation XRT73R06IB Datasheet HTML 30Page - Exar Corporation XRT73R06IB Datasheet HTML 31Page - Exar Corporation XRT73R06IB Datasheet HTML 32Page - Exar Corporation XRT73R06IB Datasheet HTML 33Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 68 page
background image
áç
áç
áç
áç
XRT73R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.0
26
NOTE: The above values are at TA = 250C and VDD = 3.3 V ± 5%.
TABLE 3: STS-1 TRANSMITTER LINE SIDE OUTPUT AND RECEIVER LINE SIDE INPUT SPECIFICATIONS (GR-253)
PARAMETER
MIN
TYP
MAX
UNITS
TRANSMITTER LINE SIDE OUTPUT CHARACTERISTICS
Transmit Output Pulse Amplitude
(measured with TxLEV = 0)
0.65
0.75
0.90
Vpk
Transmit Output Pulse Amplitude
(measured with TxLEV = 1)
0.90
1.00
1.10
Vpk
Transmit Output Pulse Width
8.6
9.65
10.6
ns
Transmit Output Pulse Amplitude Ratio
0.90
1.00
1.10
Transmit Intrinsic Jitter
0.02
0.05
UIpp
RECEIVER LINE SIDE INPUT CHARACTERISTICS
Receiver Sensitivity (length of cable)
900
1100
feet
Jitter Tolerance @ Jitter Frequency 400 KHz
0.15
UIpp
Signal Level to Declare Loss of Signal
Refer to Table 10
Signal Level to Clear Loss of Signal
Refer to Table 10
FIGURE 16. TRANSMIT OUPUT PULSE TEMPLATE FOR DS3 AS PER BELLCORE GR-499
D S 3 P u ls e T e m p la te
-0.2
0
0.2
0.4
0.6
0.8
1
1.2
T im e , in UI
Lower Curve
Upper Curve



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com