Electronic Components Datasheet Search
  English  ▼

X  

XRT73R06IB Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT73R06IB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT73R06IB Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT73R06IB Datasheet HTML 35Page - Exar Corporation XRT73R06IB Datasheet HTML 36Page - Exar Corporation XRT73R06IB Datasheet HTML 37Page - Exar Corporation XRT73R06IB Datasheet HTML 38Page - Exar Corporation XRT73R06IB Datasheet HTML 39Page - Exar Corporation XRT73R06IB Datasheet HTML 40Page - Exar Corporation XRT73R06IB Datasheet HTML 41Page - Exar Corporation XRT73R06IB Datasheet HTML 42Page - Exar Corporation XRT73R06IB Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 68 page
background image
áç
áç
áç
áç
XRT73R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT
REV. 1.0.0
36
4.5.5
Muting the Recovered Data with LOS condition:
When the LOS condition is declared, the clock recovery circuit locks into the reference clock applied to the
internal master clock outputs this clock onto the RxClk_n output pin. The data on the RxPOS_n and RxNEG_n
pins can be forced to zero by setting the LOSMUT_n bits in the individual channel control register to “1”.
NOTE: When the LOS condition is cleared, the recovered data is output on RxPOS_n and RxNEG_n pins.
4.6
B3ZS/HDB3 Decoder
The decoder block takes the output from the clock and data recovery block and decodes the B3ZS (for DS3 or
STS-1) or HDB3 (for E3) encoded line signal and detects any coding errors or excessive zeros in the data
stream.
Whenever the input signal violates the B3ZS or HDB3 coding sequence for bipolar violation or
contains three (for B3ZS) or four (for HDB3) or more consecutive zeros, an active “High” pulse is generated on
the RLCV_n output pins to indicate line code violation.
FIGURE 25. RECEIVER DATA OUTPUT AND CODE VIOLATION TIMING
SYMBOL
PARAMETER
MIN
TYP
MAX
UNITS
RxClk
Duty Cycle
45
50
55
%
RxClk Frequency
E3
DS-3
STS-1
34.368
44.736
51.84
MHz
MHz
MHz
tRRX
RxClk rise time (10% o 90%)
2
4
ns
tFRX
RxClk falling time (10% to 90%)
2
4
ns
tCO
RxClk to RPOS/RNEG delay time
4
ns
tLCVO
RxClk to rising edge of LCV output delay
2.5
ns
RxClk
t
RRX
t
FRX
RPOS or
RNEG
LCV
t
LCVO
t
CO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com