Electronic Components Datasheet Search
  English  ▼

X  

XRT75L02 Datasheet(PDF) 13 Page - Exar Corporation

Part # XRT75L02
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L02 Datasheet(HTML) 13 Page - Exar Corporation

Back Button XRT75L02 Datasheet HTML 9Page - Exar Corporation XRT75L02 Datasheet HTML 10Page - Exar Corporation XRT75L02 Datasheet HTML 11Page - Exar Corporation XRT75L02 Datasheet HTML 12Page - Exar Corporation XRT75L02 Datasheet HTML 13Page - Exar Corporation XRT75L02 Datasheet HTML 14Page - Exar Corporation XRT75L02 Datasheet HTML 15Page - Exar Corporation XRT75L02 Datasheet HTML 16Page - Exar Corporation XRT75L02 Datasheet HTML 17Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
XRT75L02
xr
xr
xr
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
REV. 1.0.3
11
MODE SELECT
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
2
24
E3_0
E3_1
I
E3 Mode Select Input
A "High" on this pin configures in E3 mode.
A "Low" on this pin configures in either STS-1 or DS3 mode depending on the
settings on pins 3 and 23..
NOTES:
1.
This pin is internally pulled down
2.
This pin is ignored if configured to operate in HOST mode.
3
23
STS1/DS3 _0
STS1/DS3 _1
I
STS-1/DS3 Select Input
A “High” on these pins configures in STS-1 mode.
A “Low” on these pins configures in DS3 mode.
These pins are ignored if the E3_n pins are set to “High”.
NOTES:
1.
This pin is internally pulled down
2.
This pin is ignored if configured to operate in HOST mode.
26
HOST/HW
I
Host/Hardware Mode:
Tie this pin “High” to configure in Host mode and “Low” for Hardware mode.
100
SR/DR
I
Single-Rail/Dual-Rail Select:
Setting this “High” configures both the Transmitter and Receiver to operate in
Single-rail mode and also enables the B3ZS/HDB3 Encoder and Decoder. In
Single-rail mode, TNEG_n pin should be grounded.
Setting this “Low” configures both the Transmitter and Receiver to operate in
Dual-rail mode and disables the B3ZS/HDB3 Encoder and Decoder.
NOTE: This pin is internally pulled down.
MICROPROCESSOR SERIAL INTERFACE - (HOST MODE)
PIN #
SIGNAL NAME
TYPE
DESCRIPTION
29
CS
RxCLKINV
I
Microprocessor Serial Interface - Chip Select
Tie this “Low” to enable the communication with the Microprocessor Serial Inter-
face.
NOTE: If configured in Hardware Mode, this pin functions as RxClkINV.
30
SCLK
TxCLKINV
I
Serial Interface Clock Input
The data on the SDI pin is sampled on the rising edge of this signal. Addition-
ally, during Read operations the Microprocessor Serial Interface updates the
SDO output on the falling edge of this signal.
NOTE: If configured in Hardware Mode, this pin functions as TxClkINV.
31
SDI
RxON
I
Serial Data Input:
Data is serially input through this pin.
The input data is sampled on the rising edge of the SClk. .
NOTES:
1.
This pin is internally pulled down
2.
If configured in Hardware Mode, this pin functions as RxON.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com