Electronic Components Datasheet Search
  English  ▼

X  

XRT75L02 Datasheet(PDF) 2 Page - Exar Corporation

Part # XRT75L02
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L02 Datasheet(HTML) 2 Page - Exar Corporation

  XRT75L02 Datasheet HTML 1Page - Exar Corporation XRT75L02 Datasheet HTML 2Page - Exar Corporation XRT75L02 Datasheet HTML 3Page - Exar Corporation XRT75L02 Datasheet HTML 4Page - Exar Corporation XRT75L02 Datasheet HTML 5Page - Exar Corporation XRT75L02 Datasheet HTML 6Page - Exar Corporation XRT75L02 Datasheet HTML 7Page - Exar Corporation XRT75L02 Datasheet HTML 8Page - Exar Corporation XRT75L02 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 50 page
background image
XRT75L02
xr
xr
xr
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
REV. 1.0.3
2
TRANSMIT INTERFACE CHARACTERISTICS
• Accepts either Single-Rail or Dual-Rail data from Terminal Equipment and generates a bipolar signal to the
line
• Integrated Pulse Shaping Circuit.
• Built-in B3ZS/HDB3 Encoder (which can be disabled).
• Accepts Transmit Clock with duty cycle of 30%-70%.
• Generates pulses that comply with the ITU-T G.703 pulse template for E3 applications.
• Generates pulses that comply with the DSX-3 pulse template, as specified in Bellcore GR-499-CORE and
ANSI T1.102_1993.
• Generates pulses that comply with the STSX-1 pulse template, as specified in Bellcore GR-253-CORE.
• Transmitter can be turned off in order to support redundancy designs.
RECEIVE INTERFACE CHARACTERISTICS
• Integrated Adaptive Receive Equalization for optimal Clock and Data Recovery.
• Declares and Clears the LOS defect per ITU-T G.775 requirements for E3 and DS3 applications.
• Meets Jitter Tolerance Requirements, as specified in ITU-T G.823_1993 for E3 Applications.
• Meets Jitter Tolerance Requirements, as specified in Bellcore GR-499-CORE for DS3 Applications.
• Declares Loss of Signal (LOS) and Loss of Lock (LOL) Alarms.
• Built-in B3ZS/HDB3 Decoder (which can be disabled).
FIGURE 1. BLOCK DIAGRAM OF THE XRT 75L02
HOST/HW
STS-1/DS3
E3
REQEN
RTIP
RRING
SR/DR
XRT75L03
RLB
RLOS
JATx/Rx
TPOS
TNEG
TxClk
TAOS
TxLEV
TxON
Note: Serial Processor Interface input pins are shared by in "Host" Mode and redefined in the "Hardware" Mode.
Device
Monitor
MTIP
MRING
DMO
Timing
Control
TTIP
TRING
Tx
Pulse
Shaping
HDB3/
B3ZS
Encoder
RLOL
RxON
RxClkINV
RxClk
RPOS
RNEG/
LCV
Tx
Control
Jitter
Attenuator
MUX
Line
Driver
LLB
Invert
Remote
LoopBack
HDB3/
B3ZS
Decoder
MUX
AGC/
Equalizer
Peak Detector
LOS
Detector
Slicer
Jitter
Attenuator
Serial
Processor
Interface
Local
LoopBack
Clock & Data
Recovery
Clock
Synthesizer
E3Clk,DS3Clk,
STS-1Clk
RESET
CS
SClk
INT
SDO
SDI
CLK_OUT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com