Electronic Components Datasheet Search
  English  ▼

X  

XRT75L02 Datasheet(PDF) 39 Page - Exar Corporation

Part # XRT75L02
Description  TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75L02 Datasheet(HTML) 39 Page - Exar Corporation

Back Button XRT75L02 Datasheet HTML 35Page - Exar Corporation XRT75L02 Datasheet HTML 36Page - Exar Corporation XRT75L02 Datasheet HTML 37Page - Exar Corporation XRT75L02 Datasheet HTML 38Page - Exar Corporation XRT75L02 Datasheet HTML 39Page - Exar Corporation XRT75L02 Datasheet HTML 40Page - Exar Corporation XRT75L02 Datasheet HTML 41Page - Exar Corporation XRT75L02 Datasheet HTML 42Page - Exar Corporation XRT75L02 Datasheet HTML 43Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 50 page
background image
XRT75L02
xr
xr
xr
xr
TWO CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER
REV. 1.0.3
37
0x04
Transmit Con-
trol
(read/write)
Reserved
TxMON_0 INSPRBS
_0
Reserved
TAOS_0
TxClkINV
_0
TxLEV_0
0x05
Receive Control
(read/write)
Reserved
DLOSDIS
_0
ALOSDIS
_0
RxClkINV_
0
LOSMUT_
0
RxMON_0 REQEN_
0
0x06
Block Control
(read/write)
Reserved
PRBSEN_
0
RLB_0
LLB_0
E3_0
STS1/
DS3_0
SR/DR_0
0x07
Jitter Attenuator
(read/write)
Reserved
DFLCK_0 PNTRST_
0
JA1_0
JATx/
Rx_0
JA0_0
0x08
Reserved
Reserved
TABLE 18: REGISTER MAP AND BIT NAMES - CHANNEL 1 REGISTERS
ADDRESS
(HEX)
PARAMETER
NAME
DATA BITS
7
6
5
4
3
2
1
0
0x09
Interrupt Enable
(read/write)
Reserved
FLIE_1
RLOLIE_1 RLOSIE_
1
DMOIE_1
0x0A
Interrupt Status
(reset on read)
Reserved
FLIS_1
RLOLIS_1 RLOSIS_
1
DMOIS_1
0x0B
Alarm Status
(read only)
Reserved PRBSLS_
1
DLOS_1
ALOS_1
FL_1
RLOL_1
RLOS_1
DMO_1
0x0C
Transmit Con-
trol
(read/write)
Reserved
TxMON_1 INSPRBS
_1
Reserved
TAOS_1
TxClkINV
_1
TxLEV_1
0x0D
Receive Control
(read/write)
Reserved
DLOSDIS
_1
ALOSDIS
_1
RxClkINV
_1
LOSMUT_
1
RxMON_1 REQEN_1
0x0E
Block Control
(read/write)
Reserved
PRBSEN_
1
RLB_1
LLB_1
E3_1
STS1/
DS3_1
SR/DR_1
0x0F
Jitter Attenuator
(read/write)
Reserved
DFLCK_1 PNTRST_
1
JA1_1
JATx/
Rx_1
JA0_1
0x10
Reserved
Reserved
TABLE 17: REGISTER MAP AND BIT NAMES - CHANNEL 0 REGISTERS
ADDRESS
(HEX)
PARAMETER
NAME
DATA BITS
7
6
5
4
3
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com