Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06IB Datasheet(PDF) 11 Page - Exar Corporation

Part # XRT75R06IB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06IB Datasheet(HTML) 11 Page - Exar Corporation

Back Button XRT75R06IB Datasheet HTML 7Page - Exar Corporation XRT75R06IB Datasheet HTML 8Page - Exar Corporation XRT75R06IB Datasheet HTML 9Page - Exar Corporation XRT75R06IB Datasheet HTML 10Page - Exar Corporation XRT75R06IB Datasheet HTML 11Page - Exar Corporation XRT75R06IB Datasheet HTML 12Page - Exar Corporation XRT75R06IB Datasheet HTML 13Page - Exar Corporation XRT75R06IB Datasheet HTML 14Page - Exar Corporation XRT75R06IB Datasheet HTML 15Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
áç
áç
áç
áç
XRT75R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.0
8
CLOCK INTERFACE
LEAD #
SIGNAL NAME
TYPE
DESCRIPTION
E15
E3CLK
I
E3 Clock Input (34.368 MHz ± 20 ppm):
If any of the channels is configured in E3 mode, a reference clock 34.368 MHz
is applied on this pin.
NOTE: In single frequency mode, this reference clock is not required.
G16
DS3CLK
I
DS3 Clock Input (44.736 MHz ± 20 ppm):
If any of the channels is configured in DS3 mode, a reference clock 44.736
MHz. is applied on this pin.
NOTE: In single frequency mode, this reference clock is not required.
C16
STS-1CLK/
12M
I
STS-1 Clock Input (51.84 MHz ± 20 ppm):
If any of the channels is configured in STS-1 mode, a reference clock 51.84
MHz is applied on this pin..
In Single Frequency Mode, a reference clock of 12.288 MHz ± 20 ppm is con-
nected to this pin and the internal clock synthesizer generates the appropriate
clock frequencies based on the configuration of the channels in E3, DS3 or
STS-1 modes.
L15
SFM_EN
I
Single Frequency Mode Enable:
Tie this pin “High” to enable the Single Frequency Mode. A reference clock of
12.288 MHz ± 20 ppm is applied.
In the Single Frequency Mode (SFM) a low jitter output clock is provided for
each channel if the CLK_EN bit is set thus eliminating the need for a separate
clock source for the framer.
Tie this pin “Low” if single frequency mode is not selected. In this case, the
appropriate reference clocks must be provided.
NOTE:
This pin is internally pulled down
B1
T1
B17
T17
D11
P11
CLKOUT_0
CLKOUT_1
CLKOUT_2
CLKOUT_3
CLKOUT_4
CLKOUT_5
O
Clock output for channel 0
Clock output for channel 1
Clock output for channel 2
Clock output for channel 3
Clock output for channel 4
Clock output for channel 5
Low jitter clock output for each channel based on the mode selection (E3,DS3
or STS-1) if the CLKOUTEN_n bit is set in the control register.
This eliminates the need for a separate clock source for the framer.
NOTES:
1.
The maximum drive capability for the clockouts is 16 mA.
2.
This clock out is available both in SFM and non-SFM modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com