Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06IB Datasheet(PDF) 38 Page - Exar Corporation

Part # XRT75R06IB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06IB Datasheet(HTML) 38 Page - Exar Corporation

Back Button XRT75R06IB Datasheet HTML 34Page - Exar Corporation XRT75R06IB Datasheet HTML 35Page - Exar Corporation XRT75R06IB Datasheet HTML 36Page - Exar Corporation XRT75R06IB Datasheet HTML 37Page - Exar Corporation XRT75R06IB Datasheet HTML 38Page - Exar Corporation XRT75R06IB Datasheet HTML 39Page - Exar Corporation XRT75R06IB Datasheet HTML 40Page - Exar Corporation XRT75R06IB Datasheet HTML 41Page - Exar Corporation XRT75R06IB Datasheet HTML 42Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
XRT75R06
áç
áç
áç
áç
REV. 1.0.0
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
35
5.0
JITTER
There are three fundamental parameters that describe circuit performance relative to jitter
• Jitter Tolerance
• Jitter Transfer
• Jitter Generation
5.1
JITTER TOLERANCE
Jitter tolerance is a measure of how well a Clock and Data Recovery unit can successfully recover data in the
presence of various forms of jitter. It is characterized by the amount of jitter required to produce a specified bit
error rate. The tolerance depends on the frequency content of the jitter. Jitter Tolerance is measured as the
jitter amplitude over a jitter spectrum for which the clock and data recovery unit achieves a specified bit error
rate (BER). To measure the jitter tolerance as shown in Figure 26, jitter is introduced by the sinusoidal
modulation of the serial data bit sequence.
Input jitter tolerance requirements are specified in terms of
compliance with jitter mask which is represented as a combination of points. Each point corresponds to a
minimum amplitude of sinusoidal jitter at a given jitter frequency.
5.1.1
DS3/STS-1 Jitter Tolerance Requirements
Bellcore GR-499 CORE specifies the minimum requirement of jitter tolerance for Category I and Category II.
The jitter tolerance requirement for Category II is the most stringent. Figure 27 shows the jitter tolerance curve
as per GR-499 specification.
FIGURE 26. JITTER TOLERANCE MEASUREMENTS
FREQ
Synthesizer
Pattern
Generator
DUT
XRT75R06
Error
Detector
Modulation
Freq.
Data
Clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com