Electronic Components Datasheet Search
  English  ▼

X  

XRT75R06IB Datasheet(PDF) 7 Page - Exar Corporation

Part # XRT75R06IB
Description  SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

XRT75R06IB Datasheet(HTML) 7 Page - Exar Corporation

Back Button XRT75R06IB Datasheet HTML 3Page - Exar Corporation XRT75R06IB Datasheet HTML 4Page - Exar Corporation XRT75R06IB Datasheet HTML 5Page - Exar Corporation XRT75R06IB Datasheet HTML 6Page - Exar Corporation XRT75R06IB Datasheet HTML 7Page - Exar Corporation XRT75R06IB Datasheet HTML 8Page - Exar Corporation XRT75R06IB Datasheet HTML 9Page - Exar Corporation XRT75R06IB Datasheet HTML 10Page - Exar Corporation XRT75R06IB Datasheet HTML 11Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 63 page
background image
áç
áç
áç
áç
XRT75R06
SIX CHANNEL E3/DS3/STS-1 LINE INTERFACE UNIT WITH JITTER ATTENUATOR
REV. 1.0.0
4
PIN DESCRIPTIONS (BY FUNCTION)
TRANSMIT INTERFACE
LEAD #SIGNAL NAME
TYPE
DESCRIPTION
T15
R16
R15
N14
P14
P13
TxON_0
TxON_1
TxON_2
TxON_3
TxON_4
TxON_5
I
Transmitter ON Input - Channel 0:
Transmitter ON Input - Channel 1:
Transmitter ON Input - Channel 2:
Transmitter ON Input - Channel 3:
Transmitter ON Input - Channel 4:
Transmitter ON Input - Channel 5:
These pins are active only when the corresponding TxON bits are set.
Table below shows the status of the transmitter based on theTxON bit and TxON
pin settings.
NOTES:
1.
These pins will be active and can control the TTIP and TRING outputs
only when the TxON_n bits in the channel register are set .
2.
When Transmitters are turned off the TTIP and TRING outputs are Tri-
stated.
3.
These pins are internally pulled up.
E3
M3
F15
P16
G3
H15
TxCLK_0
TxCLK_1
TxCLK_2
TxCLK_3
TxCLK_4
TxCLK_5
I
Transmit Clock Input for TPOS and TNEG - Channel 0:
Transmit Clock Input for TPOS and TNEG - Channel 1:
Transmit Clock Input for TPOS and TNEG - Channel 2:
Transmit Clock Input for TPOS and TNEG - Channel 3:
Transmit Clock Input for TPOS and TNEG - Channel 4:
Transmit Clock Input for TPOS and TNEG - Channel 5:
The frequency accuracy of this input clock must be of nominal bit rate ± 20 ppm.
The duty cycle can be 30%-70%.
By default, input data is sampled on the falling edge of TxCLK.
Bit
0
0
Transmitter Status
OFF
OFF
Pin
0
1
1
1
OFF
ON
0
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com