Electronic Components Datasheet Search
  English  ▼

X  

LTC3312SA Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3312SA
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SA Datasheet(HTML) 2 Page - Analog Devices

  LTC3312SA Datasheet HTML 1Page - Analog Devices LTC3312SA Datasheet HTML 2Page - Analog Devices LTC3312SA Datasheet HTML 3Page - Analog Devices LTC3312SA Datasheet HTML 4Page - Analog Devices LTC3312SA Datasheet HTML 5Page - Analog Devices LTC3312SA Datasheet HTML 6Page - Analog Devices LTC3312SA Datasheet HTML 7Page - Analog Devices LTC3312SA Datasheet HTML 8Page - Analog Devices LTC3312SA Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LTC3314A
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
PVIN1, PVIN2, AVIN........................................ –0.3V to 6V
EN1, EN2............ –0.3V to Lesser of (AVIN + 0.3V) or 6V
FB1, FB2............. –0.3V to Lesser of (AVIN + 0.3V) or 6V
MODE/SYNC ...... –0.3V to Lesser of (AVIN + 0.3V) or 6V
RT ..................... –0.3V to Lesser of (AVIN + 0.3V) or 6V
BST1 to SW1 ............................................... –0.3V to 6V
BST2 to SW2 ............................................... –0.3V to 6V
AGND to PGND ....................................... –0.3V to +0.3V
PGOOD1, PGOOD2 ...................................... –0.3V to 6V
IPGOOD1, IPGOOD2......................................................5mA
Operating Junction Temperature Range (Note 2)
LTC3314AA........................................ –40°C to 125°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body)Temperature ....260°C
(Note 1)
F
E
A
B
C
D
2
1
4
3
5
WLCSP PACKAGE
30-LEAD (2.2mm × 2.7mm × 0.5mm)
TJMAX = 125°C, θJA = 58°C/W, θJCtop = 2.7°C/W
TOP VIEW
PVIN1
SW1
PGND
PGND
SW2
PVIN2
FB1
BST1
SW1
PVIN1
EN1
PGOOD1
SW1
SW1
AVIN
RT
PGND
PGND
AGND
MODE/
SYNC
PGND
PGND
EN2
PGOOD2
SW2
SW2
FB2
BST2
SW2
PVIN2
ORDER INFORMATION
PART NUMBER
PART MARKING
FINISH CODE PACKAGE TYPE
MSL RATING TEMPERATURE RANGE
LTC3314AACBZ-R7
3314A
01
WLCSP (30-Lead Wafer Level Chip
Scale Package)
1
–40°C to 125°C
• Device temperature grade is indicated by a label on the shipping container.
• Pad or lead finish code is per IPC/JEDEC J-STD-609.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com