Electronic Components Datasheet Search
  English  ▼

X  

LTC3312SA Datasheet(PDF) 21 Page - Analog Devices

Part # LTC3312SA
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SA Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC3312SA Datasheet HTML 17Page - Analog Devices LTC3312SA Datasheet HTML 18Page - Analog Devices LTC3312SA Datasheet HTML 19Page - Analog Devices LTC3312SA Datasheet HTML 20Page - Analog Devices LTC3312SA Datasheet HTML 21Page - Analog Devices LTC3312SA Datasheet HTML 22Page - Analog Devices LTC3312SA Datasheet HTML 23Page - Analog Devices LTC3312SA Datasheet HTML 24Page - Analog Devices LTC3312SA Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 26 page
background image
LTC3314A
21
Rev. 0
For more information www.analog.com
PCB Layout Considerations
The LTC3314A is a high-performance IC designed for high
efficiency and fast transient response. For optimal results
carefully consider the layout of the PCB board and follow
the recommendations below to ensure proper operation.
See Figure 3 for a recommended PCB layout.
1. Connect the PGND pin (Leads C1, C2, C3, D1, D2, D3)
directly to a large, unbroken ground plane under the
application circuit on the layer closest to the surface
layer to minimize thermal and electrical impedance.
Additionally, connect the PGND leads to the PVIN1
and PVIN2 decoupling capacitors on the top layer with
short, wide traces.
2. The PVIN1 (Leads A1, A2) and PVIN2 (Leads F1, F2)
input supply leads should have local decoupling
capacitors with the ground side of the capacitors con-
nected on the top layer to the ground plane close to
the PGND leads. These capacitors provide the AC cur-
rent to the internal power MOSFETs and their drivers.
Large, switched currents flow in these capacitors and
it is important to minimize inductance from these
capacitors by choosing a small case size, such as
0603, and placing them close to the leads on the top
side of the board. To further minimize inductance and
input noise, smaller 0201 capacitors can be placed in
parallel, also as close as possible to the leads, from
PVIN1 to PGND and from PVIN2 to PGND.
3. Place both regulator inductors on the same side of the
board as the LTC3314A. The switching power traces
connecting SW1 (Leads A3, B1, B2, B3) and SW2
(Leads E1, E2, E3, F3) to their inductors should be
minimized to reduce radiated EMI and parasitic cou-
pling. Due to the large voltage swing on the switching
nodes, high impedance sensitive nodes, such as the
feedback nodes, should be kept far away or shielded
from SW1 and SW2. Minimize the trace lengths from
the inductors to their output capacitors.
APPLICATIONS INFORMATION
COUT1
COUT2
CFF1
CFF2
RB1 RA1 RT
RA2 RB2
CVIN
CIN1
CIN2
CBST1
CBST2
L2
L1
VOUT1
VIN
VOUT2
GROUND PLANE ON LAYER 2
3314A F03
AGND
Figure 3. Recommended PCB Layout



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com