Electronic Components Datasheet Search
  English  ▼

X  

LTC3312SA Datasheet(PDF) 23 Page - Analog Devices

Part # LTC3312SA
Description  5V, Dual 4A/Dual-Phase 8A Step-Down DC/DC Regulator in 2.2mm × 2.7mm WLCSP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3312SA Datasheet(HTML) 23 Page - Analog Devices

Back Button LTC3312SA Datasheet HTML 18Page - Analog Devices LTC3312SA Datasheet HTML 19Page - Analog Devices LTC3312SA Datasheet HTML 20Page - Analog Devices LTC3312SA Datasheet HTML 21Page - Analog Devices LTC3312SA Datasheet HTML 22Page - Analog Devices LTC3312SA Datasheet HTML 23Page - Analog Devices LTC3312SA Datasheet HTML 24Page - Analog Devices LTC3312SA Datasheet HTML 25Page - Analog Devices LTC3312SA Datasheet HTML 26Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 26 page
background image
LTC3314A
23
Rev. 0
For more information www.analog.com
TYPICAL APPLICATIONS
Dual 1.2V and 1.8V, 2MHz, 4A, VIN = 5V, Pulse-Skipping Mode
Single Output 2-Phase, 0.75V, 2MHz, 8A, VIN = 3.3V, Burst Mode Operation
10F
1F
10F
EN2
MODE/SYNC
RT
FB2
PVIN2
AVIN
EN1
PVIN1
LTC3314A
SW1
FB1
AGND
NC
SW2
3314A TA03
PGND
220nH
220nH
15pF
100k
200k
33F
×4
VOUT
0.75V, 8A
VIN
3.3V
BST1
22nF
BST2
22nF
PGOOD1
PGOOD2
VOUT
1M
10F
1F
10F
PVIN2
EN2
MODE/SYNC
RT
AVIN
EN1
PVIN1
LTC3314A
SW1
FB1
SW2
FB2
PGND
3314A TA02
AGND
10pF
330nH
10pF
220nH
140k
100k
33F
×2
VOUT1
1.2V, 4A
VOUT2
1.8V, 4A
107k
41.2k
33F
×2
PGOOD1
PGOOD2
VIN
5V
BST1
22nF
BST2
22nF
VOUT1
1M
1M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com