Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC3375
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
LTC3302
11
Rev. 0
For more information www.analog.com
OPERATION
Synchronizing the Oscillator to an External Clock
The LTC3302’s internal oscillator can be synchronized to
an external frequency by applying a square wave clock
signal to the MODE/SYNC pin. During synchronization,
the top power switch turn-on is locked to the rising edge
of the external frequency source. While synchroniz-
ing, the switcher operates in forced continuous mode.
The synchronization frequency range is ±20% of the
nominal frequency.
After detecting an external clock on the MODE/SYNC pin,
the rising edge of the internal clock is compared with the
rising edge of the external clock. When the edges are
aligned, the LTC3302 switches over to the external clock.
If the external clock is removed for more than 1.5 clock
cycles, the clock instantly reverts back to the internal clock.
Output Power Good
When the LTC3302’s output voltage is within the
–2%/+10% window of the nominal regulation voltage the
output is considered good and the open-drain PGOOD pin
goes high impedance and is typically pulled high with an
external resistor. Otherwise, the internal pull-down device
pulls the PGOOD pin low. The PGOOD pin is also pulled
low during the following fault conditions: EN pin is low,
VIN is too low, or thermal shutdown. To filter noise and
short duration output voltage transients, the lower thresh-
old has a hysteresis of 1.2%, the upper threshold has a
hysteresis of 2%, and both have a built-in time delay to
report PGOOD, typically 120µs.
Output Overvoltage Protection
During an output overvoltage event, when the FB pin volt-
age is greater than 110% of nominal, the LTC3302 top
power switch turns off. If the output remains out of regu-
lation for more than 120µs, the PGOOD pin is pulled low.
An output overvoltage event should not happen under
normal operating conditions.
Overtemperature Protection
To prevent thermal damage to the LTC3302 and its sur-
rounding components, the device incorporates an over-
temperature (OT) function. When the die temperature
reaches 165°C (typical, not tested) the switcher is shut
down and remains in shutdown until the die temperature
falls to 160°C (typical, not tested).
Output Voltage Soft-Start
Soft-starting the output prevents current surge on the
input supply and/or output voltage overshoot. During soft-
start, the output voltage proportionally tracks the internal
node voltage ramp. An active pull-down circuit discharges
that internal node in the case of fault conditions. The ramp
restarts when the fault is cleared. Fault conditions that
initiate the soft-start ramp are the EN pin transitioning low,
VIN voltage falling too low, or thermal shutdown.
Dropout Operation
As the input supply voltage approaches the output volt-
age, the duty cycle increases toward 100%. Further reduc-
tion of the supply voltage forces the main switch to remain
on for more than one cycle, eventually reaching 100%
duty cycle. The output voltage is then determined by the
input voltage minus the DC voltage drop across the inter-
nal P-channel MOSFET and the inductor.
Low Supply Operation
The LTC3302 is designed to operate down to an input
supply voltage of 2.25V. One important consideration at
low input supply voltages is that the RDS(ON) of the inter-
nal power switches increases. Calculate the worst case
LTC3302 power dissipation and die junction temperature
at the lowest input voltages.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com