Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC3375
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 2 Page - Analog Devices

  LTC3375 Datasheet HTML 1Page - Analog Devices LTC3375 Datasheet HTML 2Page - Analog Devices LTC3375 Datasheet HTML 3Page - Analog Devices LTC3375 Datasheet HTML 4Page - Analog Devices LTC3375 Datasheet HTML 5Page - Analog Devices LTC3375 Datasheet HTML 6Page - Analog Devices LTC3375 Datasheet HTML 7Page - Analog Devices LTC3375 Datasheet HTML 8Page - Analog Devices LTC3375 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
LTC3302
2
Rev. 0
For more information www.analog.com
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN, AVIN ..................................................... –0.3V to 6V
EN ........................ –0.3V to Lesser of (VIN + 0.3V) or 6V
FB, VOUT............... –0.3V to Lesser of (VIN + 0.3V) or 6V
MODE/SYNC ........ –0.3V to Lesser of (VIN + 0.3V) or 6V
AGND to PGND ......................................... –0.3V to 0.3V
PGOOD......................................................... –0.3V to 6V
IPGOOD......................................................................5mA
Operating Junction Temperature Range (Note 2):
LTC3302R........................................ –40°C to +150°C
LTC3302J ........................................ –40°C to +150°C
Storage Temperature Range ................ –65°C to +150°C
Maximum Reflow (Package Body) Temperature ...260°C
(Note 1)
TOP VIEW
EN
VIN
MODE/SYNC
PGND
12
11
10
9
3
4
5
6
FCQFN PACKAGE
12-PIN (2mm × 2mm × 0.75mm) PLASTIC QFN
TJMAX = 150°C, θJA = 48.9°C/W,
θJCBOTTOM = 6.4°C/W, θJCTOP = 85.6°C/W, ΨJT = 0.6°C/W
θ AND Ψ VALUES DETERMINED PER JESD51-7 ON A JEDEC 2S2P PCB
2
1
7
8
ORDER INFORMATION***
TAPE AND REEL
FREQUENCY****
PART MARKING*
PACKAGE TYPE
AMBIENT TEMPERATURE
RANGE (TA)
LTC3302ARUCM#TRPBF
2MHz
LHSK
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
LTC3302CRUCM#TRPBF
6MHz
LHSM
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
AUTOMOTIVE PRODUCTS**
LTC3302AJUCM#WTRPBF
2MHz
LHSK
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
LTC3302AJUCM-1#WTRPBF
2MHz
LHTP
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
LTC3302AJUCM-1.2#WTRPBF
2MHz
LHTR
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
LTC3302AJUCM-1.8#WTRPBF
2MHz
LHTW
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
LTC3302CJUCM#WTRPBF
6MHz
LHSM
FCQFN, 12-Pin, 2mm × 2mm × 0.75mm
(Flip Chip Package with QFN Footprint)
–40°C to 125°C
Contact the factory for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Tape and reel specifications. Some packages are available in 500-unit reels through designated sales channels with #TRMPBF suffix.
Sample & Buy. Please see the website product page Sample and Buy Table for the list of available released options.
**Versions of this part are available with controlled manufacturing to support the quality and reliability requirements of automotive applications. These
models are designated with a #W suffix. Only the automotive grade products shown are available for use in automotive applications. Contact your
local Analog Devices account representative for specific product ordering information and to obtain the specific Automotive Reliability reports for
these models.
***Fixed output versions are available from 0.5V to 3.65V in 50mV increments. Please contact marketing for availability.
****For 4MHz and 8MHz frequency versions, please contact Marketing for availability.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com