Electronic Components Datasheet Search
  English  ▼

X  

LTC3375 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC3375
Description  5V, 2A Synchronous Step-Down Regulator in 2mm × 2mm FCQFN
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC3375 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC3375 Datasheet HTML 9Page - Analog Devices LTC3375 Datasheet HTML 10Page - Analog Devices LTC3375 Datasheet HTML 11Page - Analog Devices LTC3375 Datasheet HTML 12Page - Analog Devices LTC3375 Datasheet HTML 13Page - Analog Devices LTC3375 Datasheet HTML 14Page - Analog Devices LTC3375 Datasheet HTML 15Page - Analog Devices LTC3375 Datasheet HTML 16Page - Analog Devices LTC3375 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC3302
13
Rev. 0
For more information www.analog.com
The minimum on-time of the buck regulator imposes a
minimum operating duty cycle. The highest switching
frequency (fSW(MAX)) for a given application can be cal-
culated with Equation 2.
fSW MAX
(
) =
VOUT
tON MIN
(
) • VIN MAX
(
)
(2)
where VIN(MAX) is the maximum input voltage, VOUT is the
output voltage, and tON(MIN) is the minimum top switch
on-time. This equation shows that a slower switch-
ing frequency is necessary to accommodate a high
VIN(MAX)/VOUT ratio.
The LTC3302 is capable of a maximum duty cycle of
100%, therefore, the VIN-to-VOUT dropout is limited by
the RDS(ON) of the top switch, the inductor DCR, and the
load current.
Setting the Switching Frequency
The LTC3302 uses a constant frequency peak current
mode control architecture. The switching frequency is
factory programmed to one of four values: 2MHz, 4MHz,
6MHz, or 8MHz. Higher frequencies increase switching
losses and reduce efficiency, but could potentially allow
for smaller external components.
The LTC3302’s internal oscillator can be synchronized
to an external frequency by applying a square wave
clock signal to the MODE/SYNC pin. The synchronization
frequency range is ±20% of the nominal, factory pro-
grammed frequency.
When the rising edge at the MODE/SYNC pin is aligned
to the internal clock, the LTC3302 switches over to the
external clock. If the external clock is removed for more
than 1.5 clock cycles, the clock instantly reverts back to
the internal clock.
Inductor Selection and Maximum Output Current
Considerations in choosing an inductor are inductance,
RMS current rating, saturation current rating, DCR, and
core loss.
APPLICATIONS INFORMATION
Select the inductor value based on Equation 3
and Equation 4.
L
VOUT
0.6A • fSW
• 1
VOUT
VIN MAX
(
)
for
VOUT
VIN MAX
(
)
0.5
≈
(3)
L
0.25 • VIN MAX
(
)
0.6A • fSW
for
VOUT
VIN MAX
(
)
> 0.5
≈
(4)
where fSW is the switching frequency, VOUT is the output
voltage, and VIN(MAX) is the maximum input voltage.
To avoid overheating of the inductor choose an induc-
tor with an RMS current rating that is greater than the
maximum expected output load of the application.
Overload and short-circuit conditions need to be taken
into consideration.
In addition, ensure that the saturation current rating
(typically labeled ISAT) of the inductor is higher than the
maximum expected load current plus half the inductor
ripple current given by Equation 5.
ISAT >ILOAD MAX
(
) +
1
2
∆IL
(5)
where ILOAD(MAX) is the maximum output load current for
a given application and ΔIL is the inductor ripple current
calculated with Equation 6.
∆IL =
VOUT
L • fSW
• 1–
VOUT
VIN
⎛
⎝⎜
⎞
⎠⎟
(6)
A more conservative choice would be to use an inductor
with an ISAT rating higher than the maximum current limit
of the LTC3302.
To keep the efficiency high, choose an inductor with
the lowest series resistance (DCR). The core mate-
rial should be intended for high frequency applica-
tions. Table  1 shows recommended inductors from
several manufacturers.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com