Electronic Components Datasheet Search
  English  ▼

X  

GS816218B-166 Datasheet(PDF) 32 Page - GSI Technology

Part # GS816218B-166
Description  1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816218B-166 Datasheet(HTML) 32 Page - GSI Technology

Back Button GS816218B-166 Datasheet HTML 28Page - GSI Technology GS816218B-166 Datasheet HTML 29Page - GSI Technology GS816218B-166 Datasheet HTML 30Page - GSI Technology GS816218B-166 Datasheet HTML 31Page - GSI Technology GS816218B-166 Datasheet HTML 32Page - GSI Technology GS816218B-166 Datasheet HTML 33Page - GSI Technology GS816218B-166 Datasheet HTML 34Page - GSI Technology GS816218B-166 Datasheet HTML 35Page - GSI Technology GS816218B-166 Datasheet HTML 36Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 41 page
background image
GS816218(B/D)/GS816236(B/D)/GS816272(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.17 11/2004
32/41
© 1999, GSI Technology
JTAG Port Recommended Operating Conditions and DC Characteristics
Parameter
Symbol
Min.
Max.
Unit Notes
3.3 V Test Port Input High Voltage
VIHJ3
2.0
VDD3 +0.3
V1
3.3 V Test Port Input Low Voltage
VILJ3
–0.3
0.8
V
1
2.5 V Test Port Input High Voltage
VIHJ2
0.6 * VDD2
VDD2 +0.3
V1
2.5 V Test Port Input Low Voltage
VILJ2
–0.3
0.3 * VDD2
V1
TMS, TCK and TDI Input Leakage Current
IINHJ
–300
1
uA
2
TMS, TCK and TDI Input Leakage Current
IINLJ
–1
100
uA
3
TDO Output Leakage Current
IOLJ
–11
uA
4
Test Port Output High Voltage
VOHJ
1.7
—
V5, 6
Test Port Output Low Voltage
VOLJ
—
0.4
V
5, 7
Test Port Output CMOS High
VOHJC
VDDQ – 100 mV
—
V5, 8
Test Port Output CMOS Low
VOLJC
—
100 mV
V
5, 9
Notes:
1. Input Under/overshoot voltage must be –2 V > Vi < VDDn +2 V not to exceed 4.6 V maximum, with a pulse width not to exceed 20% tTKC.
2. VILJ ≤ VIN ≤ VDDn
3. 0 V
≤ VIN ≤ VILJn
4. Output Disable, VOUT = 0 to VDDn
5. The TDO output driver is served by the VDDQ supply.
6. IOHJ = –4 mA
7. IOLJ = + 4 mA
8. IOHJC = –100 uA
9. IOHJC = +100 uA
Notes:
1. Include scope and jig capacitance.
2. Test conditions as shown unless otherwise noted.
JTAG Port AC Test Conditions
Parameter
Conditions
Input high level
VDD – 0.2 V
Input low level
0.2 V
Input slew rate
1 V/ns
Input reference level
VDDQ/2
Output reference level
VDDQ/2
DQ
VDDQ/2
50
Ω
30pF*
JTAG Port AC Test Load
* Distributed Test Jig Capacitance



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com