Electronic Components Datasheet Search
  English  ▼

X  

GS816218B-166 Datasheet(PDF) 39 Page - GSI Technology

Part # GS816218B-166
Description  1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816218B-166 Datasheet(HTML) 39 Page - GSI Technology

Back Button GS816218B-166 Datasheet HTML 33Page - GSI Technology GS816218B-166 Datasheet HTML 34Page - GSI Technology GS816218B-166 Datasheet HTML 35Page - GSI Technology GS816218B-166 Datasheet HTML 36Page - GSI Technology GS816218B-166 Datasheet HTML 37Page - GSI Technology GS816218B-166 Datasheet HTML 38Page - GSI Technology GS816218B-166 Datasheet HTML 39Page - GSI Technology GS816218B-166 Datasheet HTML 40Page - GSI Technology GS816218B-166 Datasheet HTML 41Page - GSI Technology  
Zoom Inzoom in Zoom Outzoom out
 39 / 41 page
background image
GS816218(B/D)/GS816236(B/D)/GS816272(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.17 11/2004
39/41
© 1999, GSI Technology
512K x 36
GS816236D-250I
Pipeline/Flow Through
165 BGA (var. 1)
250/5.5
I
512K x 36
GS816236D-225I
Pipeline/Flow Through
165 BGA (var. 1)
225/6
I
512K x 36
GS816236D-200I
Pipeline/Flow Through
165 BGA (var. 1)
200/6.5
I
512K x 36
GS816236D-166I
Pipeline/Flow Through
165 BGA (var. 1)
166/7
I
512K x 36
GS816236D-150I
Pipeline/Flow Through
165 BGA (var. 1)
150/7.5
I
512K x 36
GS816236D-133I
Pipeline/Flow Through
165 BGA (var. 1)
133/8.5
I
256K x 72
GS816272C-200I
Pipeline/Flow Through
209 BGA
200/6.5
I
256K x 72
GS816272C-166I
Pipeline/Flow Through
209 BGA
166/7
I
256K x 72
GS816272C-150I
Pipeline/Flow Through
209 BGA
150/7.5
I
256K x 72
GS816272C-133I
Pipeline/Flow Through
209 BGA
133/8.5
I
18Mb Sync SRAM Datasheet Revision History
DS/DateRev. Code: Old;
New
Types of Changes
Format or Content
Page;Revisions;Reason
GS816218B-150IB 1.00 9/
1999A;GS816218B-150IB
2.00 1/1999B
Content
• Converted from 0.25u 3.3V process to 0.18u 2.5V process.
Master File Rev B
• Added x72 Pinout.
• Added GSI Logo.
GS816218B 2.01 1/
2000C;GS816218 B 2.02 1/
2000D
• Changed BGA package drawing for 209 pin package.
Ordering Information for GSI Synchronous Burst RAMs
Org
Part Number1
Type
Package
Speed2
(MHz/ns)
TA3
Status
Notes:
1. Customers requiring delivery in Tape and Reel should add the character “T” to the end of the part number. Example: GS816236-200IT.
2. The speed column indicates the cycle frequency (MHz) of the device in Pipeline mode and the latency (ns) in Flow Through mode. Each
device is Pipeline/Flow Through mode-selectable by the user.
3. TA = C = Commercial Temperature Range. TA = I = Industrial Temperature Range.
4. GSI offers other versions this type of device in many different configurations and with a variety of different features, only some of which are
covered in this data sheet. See the GSI Technology web site (www.gsitechnology.com) for a complete listing of current offerings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com