Electronic Components Datasheet Search
  English  ▼

X  

GS816218B-166 Datasheet(PDF) 33 Page - GSI Technology

Part # GS816218B-166
Description  1M x 18, 512K x 36, 256K x 72 18Mb Sync Burst SRAMs
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSI [GSI Technology]
Direct Link  http://www.gsitechnology.com
Logo GSI - GSI Technology

GS816218B-166 Datasheet(HTML) 33 Page - GSI Technology

Back Button GS816218B-166 Datasheet HTML 29Page - GSI Technology GS816218B-166 Datasheet HTML 30Page - GSI Technology GS816218B-166 Datasheet HTML 31Page - GSI Technology GS816218B-166 Datasheet HTML 32Page - GSI Technology GS816218B-166 Datasheet HTML 33Page - GSI Technology GS816218B-166 Datasheet HTML 34Page - GSI Technology GS816218B-166 Datasheet HTML 35Page - GSI Technology GS816218B-166 Datasheet HTML 36Page - GSI Technology GS816218B-166 Datasheet HTML 37Page - GSI Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 41 page
background image
GS816218(B/D)/GS816236(B/D)/GS816272(C)
Specifications cited are subject to change without notice. For latest documentation see http://www.gsitechnology.com.
Rev: 2.17 11/2004
33/41
© 1999, GSI Technology
JTAG Port Timing Diagram
Boundary Scan (BSDL Files)
For information regarding the Boundary Scan Chain, or to obtain BSDL files for this part, please contact our Applications
Engineering Department at: apps@gsitechnology.com.
JTAG Port AC Electrical Characteristics
Parameter
Symbol
Min
Max
Unit
TCK Cycle Time
tTKC
50
—
ns
TCK Low to TDO Valid
tTKQ
—
20
ns
TCK High Pulse Width
tTKH
20
—
ns
TCK Low Pulse Width
tTKL
20
—
ns
TDI & TMS Set Up Time
tTS
10
—
ns
TDI & TMS Hold Time
tTH
10
—
ns
tTH
tTS
tTKQ
tTH
tTS
tTH
tTS
tTKL
tTKL
tTKH
tTKH
tTKC
tTKC
TCK
TDI
TMS
TDO
Parallel SRAM input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com