Electronic Components Datasheet Search
  English  ▼

X  

CLC453ALC Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC453ALC
Description  Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC453ALC Datasheet(HTML) 2 Page - National Semiconductor (TI)

  CLC453ALC Datasheet HTML 1Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 2Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 3Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
http://www.national.com
2
PARAMETERS
CONDITIONS
TYP
MIN/MAX RATINGS
UNITS
NOTES
Ambient Temperature
CLC453AJ
+25°C
+25°C
0 to 70°C
-40 to 85°C
FREQUENCY DOMAIN RESPONSE
-3dB bandwidth
Vo = 0.5Vpp
110
85
75
70
MHz
B
Vo = 2.0Vpp
90
75
72
70
MHz
-0.1dB bandwidth
Vo = 0.5Vpp
25
22
22
18
MHz
gain peaking
<200MHz, Vo = 0.5Vpp
0
0.5
0.9
1.0
dB
B
gain rolloff
<30MHz, Vo = 0.5Vpp
0.2
0.4
0.6
0.6
dB
B
linear phase deviation
<30MHz, Vo = 0.5Vpp
0.1
2
3
3
deg
TIME DOMAIN RESPONSE
rise and fall time
2V step
4.8
6.4
6.8
7.3
ns
settling time to 0.05%
1V step
25
–
–
–
ns
overshoot
2V step
9
13
16
16
%
slew rate
2V step
370
280
250
240
V/
µs
DISTORTION AND NOISE RESPONSE
2nd harmonic distortion
2Vpp, 1MHz
-72
-66
-64
-64
dBc
2Vpp, 1MHz; RL = 1kΩ
-65
-59
-57
-57
dBc
2Vpp, 5MHz
-65
-56
-54
-54
dBc
B
3rd harmonic distortion
2Vpp, 1MHz
-74
-70
-68
-68
dBc
2Vpp, 1MHz; RL = 1kΩ
-84
-76
-74
-74
dBc
2Vpp, 5MHz
-60
-55
-53
-53
dBc
B
equivalent input noise
voltage (eni)
>1MHz
2.8
3.5
3.8
3.8
nV/
√Hz
non-inverting current (ibn)
>1MHz
7.5
10
11
11
pA/
√Hz
inverting current (ibi)
>1MHz
10.5
14
15
15
pA/
√Hz
STATIC DC PERFORMANCE
input offset voltage
13
30
35
35
mV
A
average drift
80
–
–
–
µV/˚C
input bias current (non-inverting)
5
18
22
24
µA
A
average drift
30
–
–
–
nA/˚C
gain accuracy
±0.3
±1.5
±2.0
±2.0
%
A
internal resistors (Rf, Rg)
1000
±20%
±26%
±30%
Ω
power supply rejection ratio
DC
48
45
43
43
dB
B
common-mode rejection ratio
DC
51
48
46
46
dB
supply current
RL= ∞
3.0
3.4
3.6
3.6
mA
A
MISCELLANEOUS PERFORMANCE
input resistance (non-inverting)
0.39
0.28
0.25
0.25
M
Ω
input capacitance (non-inverting)
1.5
2.3
2.3
2.3
pF
input voltage range, High
4.2
4.1
4.0
4.0
V
input voltage range, Low
0.8
0.9
1.0
1.0
V
output voltage range, High
RL = 100Ω
4.0
3.9
3.8
3.8
V
output voltage range, Low
RL = 100Ω
1.0
1.1
1.2
1.2
V
output voltage range, High
RL = ∞
4.1
4.0
4.0
3.9
V
output voltage range, Low
RL = ∞
0.9
1.0
1.0
1.1
V
output current
100
80
65
40
mA
C
output resistance, closed loop
DC
400
600
600
600
m
Ω
Min/max ratings are based on product characterization and simulation. Individual parameters are tested as noted. Outgoing quality levels are
determined from tested parameters.
+5V Electrical Characteristics (A
v = +2, RL = 100Ω, Vs = +5V
1, Vcm = VEE + (Vs/2), RL tied to Vcm, unless specified)
Absolute Maximum Ratings
supply voltage (VCC - VEE)
+14V
output current (see note C)
140mA
common-mode input voltage
VEE to VCC
maximum junction temperature
+175°C
storage temperature range
-65°C to +150°C
lead temperature (soldering 10 sec)
+300°C
ESD rating (human body model)
500V
Notes
A) J-level: spec is 100% tested at +25°C, sample tested at +85°C.
B) J-level: spec is sample tested at +25°C.
C) The short circuit current can exceed the maximum safe
output current.
1) Vs = VCC - VEE
Reliability Information
Transistor Count
49
MTBF (based on limited test data)
31Mhr



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com