Electronic Components Datasheet Search
  English  ▼

X  

CLC453ALC Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC453ALC
Description  Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC453ALC Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button CLC453ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 9Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 10Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 11Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 12Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
http://www.national.com
Figure 8: Dual Supply, Av = +1V/V Configuration
Figure 9: Dual Supply, Av = +2V/V Configuration
Bandwidth vs. Output Amplitude
The bandwidth of the CLC453 is at a maximum for
output voltages near 1Vpp. The bandwidth decreases
for smaller and larger output amplitudes. Refer to the
Frequency Response vs. Vo plots.
Load Termination
The CLC453 can source and sink near equal amounts of
current. For optimum performance, the load should be
tied to Vcm.
Driving Cables and Capacitive Loads
When driving cables, double termination is used to
prevent reflections. For capacitive load applications, a
small series resistor at the output of the CLC453 will
improve
stability
and
settling
performance.
The
Frequency Response vs. CL and Recommended Rs
vs. CL plots, in the typical performance section, give the
recommended series resistance value for optimum
flatness at various capacitive loads.
Transmission Line Matching
One method for matching the characteristic impedance
(Zo) of a transmission line or cable is to place the
appropriate resistor at the input or output of the amplifier.
Figure 10 shows typical inverting and non-inverting
circuit configurations for matching transmission lines.
Non-inverting gain applications:
s
Connect pin 2 as indicated in the table in the
Closed Loop Gain Selection section.
s
Make R1, R2, R6, and R7 equal to Zo.
s
Use R3 to isolate the amplifier from reactive
loading caused by the transmission line,
or by parasitics.
Inverting gain applications:
s
Connect R3 directly to ground.
s
Make the resistors R4, R6, and R7 equal to Zo.
s
Make R5 II Rg = Zo.
The input and output matching resistors attenuate the
signal by a factor of 2, therefore additional gain is needed.
Use C6 to match the output transmission line over a
greater frequency range. C6 compensates for the increase
of the amplifier’s output impedance with frequency.
Figure 10: Transmission Line Matching
Power Dissipation
Follow these steps to determine the power consumption
of the CLC453:
1. Calculate the quiescent (no-load) power:
Pamp = ICC (VCC - VEE)
2. Calculate the RMS power at the output stage:
Po = (VCC - Vload) (Iload), where Vload and Iload
are the RMS voltage and current across the
external load.
3. Calculate the total RMS power:
Pt = Pamp + Po
The maximum power that the DIP, SOIC, and SOT
packages can dissipate at a given temperature is
illustrated in Figure 11.
The power derating curve for
any CLC453 package can be derived by utilizing the
following equation:
where
Tamb = Ambient temperature (°C)
θ
JA = Thermal resistance, from junction to ambient,
for a given package (°C/W)
(175
Tamb
JA
° −
)
θ
453 Fig8
0.1
µF
6.8
µF
Vo
Vin
Rt
+
VCC
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
0.1
µF
6.8
µF
+
VEE
453 Fig9
0.1
µF
6.8
µF
Vo
Vin
Rt
+
VCC
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω
0.1
µF
6.8
µF
+
VEE
453 Fig10
Z0
R6
Vo
Z0
R4
R5
+
-
R3
Z0
R1
R2
V1
V2 +-
C6
R7
1
CLC453
7
6
8
5
3
4
2
1k
Ω
1k
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com