Electronic Components Datasheet Search
  English  ▼

X  

CLC453ALC Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # CLC453ALC
Description  Comlinear CLC453 Single Supply, Low-Power, High Output, Programmable Buffer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

CLC453ALC Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button CLC453ALC Datasheet HTML 3Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 4Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 5Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 6Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 7Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 8Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 9Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 10Page - National Semiconductor (TI) CLC453ALC Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
http://www.national.com
CLC453 Operation
The CLC453 is a current feedback buffer built in an
advanced complementary bipolar process. The CLC453
operates from a single 5V supply or dual ±5V supplies.
Operating from a single 5V supply, the CLC453 has the
following features:
s
Gains of +1, -1, and 2V/V are achievable without
external resistors
s
Provides 100mA of output current while
consuming only 15mW of power
s
Offers low -65/-84dBc 2nd and 3rd harmonic
distortion
s
Provides BW > 80MHz and 1MHz distortion
< -70dBc at Vo = 2Vpp
The CLC453 performance is further enhanced in ±5V
supply applications as indicated in the
±5V Electrical
Characteristics table and ±5V Typical Performance plots.
If gains other than +1, -1, or +2V/V are required, then the
CLC452 can be used. The CLC452 is a current feedback
amplifier with near identical performance and allows for
external feedback and gain setting resistors.
Current Feedback Amplifiers
Some of the key features of current feedback technology are:
s
Independence of AC bandwidth and voltage gain
s
Inherently stable at unity gain
s
Adjustable frequency response with feedback resistor
s
High slew rate
s
Fast settling
Current feedback operation can be described using a simple
equation. The voltage gain for a non-inverting or inverting
current feedback amplifier is approximated by Equation 1.
Equation 1
where:
s
Av is the closed loop DC voltage gain
s
Rf is the feedback resistor
s
Z(j
ω) is the CLC453’s open loop transimpedance
gain
s
is the loop gain
The denominator of Equation 1 is approximately equal to
1 at low frequencies. Near the -3dB corner frequency,
the interaction between Rf and Z(jω) dominates the circuit
performance. The value of the feedback resistor has a
large affect on the circuits performance. Increasing Rf
has the following affects:
s
Decreases loop gain
s
Decreases bandwidth
s
Reduces gain peaking
s
Lowers pulse response overshoot
s
Affects frequency response phase linearity
V
V
A
1
R
Z(j )
o
in
v
f
=
+
ω
Z j
Rf
ω
( )
CLC453 Design Information
Closed Loop Gain Selection
The CLC453 is a current feedback op amp with
Rf = Rg = 1kΩ on chip (in the package). Select from
three closed loop gains without using any external gain or
feedback resistors. Implement gains of +2, +1, and
-1V/V by connecting pins 2 and 3 as described in the
chart below.
The gain accuracy of the CLC453 is excellent and
stable over temperature change.
The internal gain
setting resistors, Rf and Rg are diffused silicon resistors
with a process variation of ± 20% and a temperature
coefficient of ˜ 2000ppm/°C. Although their absolute
values change with processing and temperature, their
ratio (Rf/Rg) remains constant. If an external resistor is
used in series with Rg, gain accuracy over temperature
will suffer.
Single Supply Operation (VCC = +5V, VEE = GND)
The specifications given in the
+5V Electrical Character-
istics table for single supply operation are measured
with a common mode voltage (Vcm) of 2.5V. Vcm is the
voltage around which the inputs are applied and the
output voltages are specified.
Operating from a single +5V supply, the Common Mode
Input Range (CMIR) of the CLC453 is typically +0.8V to
+4.2V. The typical output range with RL=100Ω is +1.0V
to +4.0V.
For single supply DC coupled operation, keep input
signal levels above 0.8V DC. For input signals that drop
below 0.8V DC, AC coupling and level shifting the signal
are recommended. The non-inverting and inverting
configurations for both input conditions are illustrated in
the following 2 sections.
DC Coupled Single Supply Operation
Figures 1, 2, and 3 on the following page, show the
recommended configurations for input signals that
remain above 0.8V DC.
Gain
Input Connections
Av
Non-Inverting (pin3)
Inverting (pin2)
-1V/V
ground
input signal
+1V/V
input signal
NC (open)
+2V/V
input signal
ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com