Electronic Components Datasheet Search
  English  ▼

X  

LC010CL Datasheet(PDF) 20 Page - Tyco Electronics

Part # LC010CL
Description  Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LC010CL Datasheet(HTML) 20 Page - Tyco Electronics

Back Button LC010CL Datasheet HTML 16Page - Tyco Electronics LC010CL Datasheet HTML 17Page - Tyco Electronics LC010CL Datasheet HTML 18Page - Tyco Electronics LC010CL Datasheet HTML 19Page - Tyco Electronics LC010CL Datasheet HTML 20Page - Tyco Electronics LC010CL Datasheet HTML 21Page - Tyco Electronics LC010CL Datasheet HTML 22Page - Tyco Electronics LC010CL Datasheet HTML 23Page - Tyco Electronics LC010CL Datasheet HTML 24Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
20
20
Tyco Electronics Corp.
Data Sheet
August 1998
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Thermal Considerations (continued)
8-1383(C)
Note: The power dissipation of this unit is shown at TC = TC, max
because the efficiency of this power module drops at high
temperatures.
Figure 53. LW015A Power Dissipation at Maximum
Case Temperature
8-1814(C)
Figure 54. LW015B, C Typical Power Dissipation vs.
Normalized Output Current at TC = 25 °C
8-1815(C)
Figure 55. LW010D, LW015D Typical Power
Dissipation vs. Output Current at
TC = 25 °C
8-2109(C)
Figure 56. LW010D9 Typical Power Dissipation vs.
Output Current at TC = 25 °C with Output
Voltage Trimmed Up to 2.5 V
8-1385(C)
Note: The power dissipation of this unit is shown at TC = TC, max
because the efficiency of this power module drops at high
temperatures.
Figure 57. LW015F Power Dissipation at Maximum
Case Temperature
0.0
0.5
1.0
1.5
2.0
3.0
0.0
3.0
3.5
4.0
4.5
OUTPUT CURRENT, IO (A)
2.5
2.0
0.5
2.5
VI = 48 V
VI = 60 V
VI = 75 V
1.0
1.5
VI = 36 V
0.19
0.33
0.50
0.83
0.66
1.00
0.0
3.0
NORMALIZED OUTPUT CURRENT (IO/IO, max)
2.0
1.5
2.5
4.0
0.05
3.5
1.0
0.5
4.5
5.0
VI = 36 V
VI = 48 V
VI = 60 V
VI = 75 V
1.0
0.0
2.0
3.0
3.5
0.5
1.5
2.5
0.5
1.0
1.5
2.0
2.5
3.0
0.0
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 48 V
VI = 60 V
VI = 75 V
0.4
0.6
0.8
1.0
1.2
1.4
2.0
0.2
1.6
1.8
0.0
0.5
2.1
1.7
1.5
1.9
2.5
2.3
1.3
1.1
0.9
0.7
OUTPUT CURRENT, IO (A)
VI = 36 V
VI = 75 V
VI = 48 V
0.0
0.5
1.0
1.5
2.0
3.0
0.0
3.0
3.5
OUTPUT CURRENT, IO (A)
2.5
2.0
0.5
2.5
VI = 75 V
VI = 48 V
VI = 60 V
1.0
1.5
VI = 36 V
4.0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com