Electronic Components Datasheet Search
  English  ▼

X  

LC010CL Datasheet(PDF) 23 Page - Tyco Electronics

Part # LC010CL
Description  Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LC010CL Datasheet(HTML) 23 Page - Tyco Electronics

Back Button LC010CL Datasheet HTML 16Page - Tyco Electronics LC010CL Datasheet HTML 17Page - Tyco Electronics LC010CL Datasheet HTML 18Page - Tyco Electronics LC010CL Datasheet HTML 19Page - Tyco Electronics LC010CL Datasheet HTML 20Page - Tyco Electronics LC010CL Datasheet HTML 21Page - Tyco Electronics LC010CL Datasheet HTML 22Page - Tyco Electronics LC010CL Datasheet HTML 23Page - Tyco Electronics LC010CL Datasheet HTML 24Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 23 / 24 page
background image
Tyco Electronics Corp.
23
Data Sheet
August 1998
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Recommended Hole Pattern
Component-side footprint.
Dimensions are in millimeters and (inches).
8-1329(C).b
Ordering Information
Table 6. Device Codes
Input Voltage
Output Voltage
Output Power
Device Code
Comcode
18 V—36 V
5 V
15 W
LC015A
107809550
18 V—36 V
12 V
15 W
LC015B
107983140
18 V—36 V
15 V
15 W
LC015C
TBD
36 V—75 V
2 V
6 W
LC015D
TBD
18 V—36 V
3.3 V
10 W
LC015F
107809543
18 V—36 V
5 V
10 W
LC010A
107747925
18 V—36 V
12 V
10 W
LC010B
107747933
18 V—36 V
15 V
10 W
LC010C
107747941
18 V—36 V
2 V
4 W
LC010D
107747958
18 V—36 V
3.3 V
8 W
LC010F
107747966
18 V—36 V
±5 V
15 W
LC010AJ
107987083
18 V—36 V
±12 V
15 W
LC010BK
107809592
18 V—36 V
±15 V
15 W
LC010CL
TBD
36 V—75 V
5 V
15 W
LW015A
107809527
36 V—75 V
12 V
15 W
LW015B
107935413
36 V—75 V
15 V
15 W
LW015C
107935421
36 V—75 V
2 V
6 W
LW015D
107809501
36 V— 75 V
3.3 V
10 W
LW015F
107809535
36 V—75 V
5 V
10 W
LW010A
107747974
36 V—75 V
12 V
10 W
LW010B
107747982
36 V—75 V
15 V
10 W
LW010C
107747990
36 V—75 V
2 V
4 W
LW010D
107748006
36 V—75 V
3.3 V
8 W
LW010F
107748014
36 V—75 V
±5 V
10 W
LW010AJ
107935405
36 V—75 V
±12 V
10 W
LW010BK
107809568
36 V—75 V
±15 V
10 W
LW010CL
TBD
15.2
(0.60)
20.32 (0.800)
2.54
(0.100)
5.08
(0.200)
20.32
(0.800)
27.94
(1.10)
24.77
(0.975)
7.62
(0.300)
50.8 (2.00)
CASE OUTLINE
STANDOFF
25.4
(1.00)
9.91
(0.39)
7.62
(0.300)
10.16
(0.400)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com