Electronic Components Datasheet Search
  English  ▼

X  

LC010CL Datasheet(PDF) 22 Page - Tyco Electronics

Part # LC010CL
Description  Power Modules: 18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

LC010CL Datasheet(HTML) 22 Page - Tyco Electronics

Back Button LC010CL Datasheet HTML 16Page - Tyco Electronics LC010CL Datasheet HTML 17Page - Tyco Electronics LC010CL Datasheet HTML 18Page - Tyco Electronics LC010CL Datasheet HTML 19Page - Tyco Electronics LC010CL Datasheet HTML 20Page - Tyco Electronics LC010CL Datasheet HTML 21Page - Tyco Electronics LC010CL Datasheet HTML 22Page - Tyco Electronics LC010CL Datasheet HTML 23Page - Tyco Electronics LC010CL Datasheet HTML 24Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
22
Tyco Electronics Corp.
Data Sheet
August 1998
18 Vdc to 36 Vdc or 36 Vdc to 75 Vdc Inputs, 10 W and 15 W
LC/LW010- and LC/LW015-Series Power Modules:
Outline Diagram
Dimensions are in millimeters and (inches).
Tolerance: x.x ± 0.5 mm (0.020 in.); x.xx ± 0.38 mm (0.015 in.).
If slightly lower height is needed, the four standoffs can be dropped through holes on the user’s PWB. By dropping
the standoffs through the PWB, the module height will be decreased to 9.5 mm (0.375 in.) typical height.
8-1329(C).b
* An optional short pin dimension is 2.8 mm ± 0.25 mm (0.110 in. ± 0.010 in.).
Top View
Side View
Bottom View
Pin
Function
Pin
Function
1VI(–)4
VO(+) or VO1(+)
2VI(+)
5
COMMON (dual outputs) or
TRIM (optional on single outputs)
Pin is not present on single outputs unless
option is specified.
Pin is always present on dual outputs.
3
ON/OFF or SYNC (optional)
Pin is not present unless one of these
options is specified.
6VO(–) or VO2(–)
0.51
(0.020)
10.16 (0.400)
MAX
5.84 (0.230)*
MIN
0.63 (0.025) x 0.63 (0.025)
SQUARE PIN,
ALL PLACES
STANDOFF
DIAMETER 0.63 (0.025)
TYP, 4 PLACES
6
4
3
2
1
15.2
(0.60)
20.32 (0.800)
2.54
(0.100)
5.08
(0.200)
12.7
(0.500)
0.32 (0.0125)
TYP
7.62 (0.300)
24.77
(0.975)
5
10.16
(0.400)
27.9 (1.10)
9.91
(0.39)
7.62
(0.300)
25.4
(1.00)
50.8 (2.00)
+
-
+
-
OUT
IN
LC015A
DC-DC Power Module
IN:DC 18-36V, 1.1A
OUT:DC 5V, 3A
MADE IN USA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com