Electronic Components Datasheet Search
  English  ▼

X  

CS5828 Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # CS5828
Description  28:4 LVDS Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5828 Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  CS5828 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
CS5828
page 4 of 13
FUNCTIONAL DESCRIPTION
Control logic
There are two modes in this circuit. One is normal mode, and another is power down mode. Two modes are
controlled by the control signal “SHTDN”. If SHTDN is high, the circuit is in the normal mode, else if low, the
circuit is in the power down mode. In the power down mode, every block is off to make sure the least power
consumption.
7 x CLK PLL
7 x CLK PLL, which is a phase lock loop, generates seven times clock of CKIN. The signal “RF” indicates that the
input data (D0 ~ D27) is rising edge or falling edge trigger by CKIN. If RF=1, it is rising edge trigger, else if RF=0,
it is falling trigger. This seven times clock of CKIN is used by the Parallel ~ LOAD 7 Bit shift Register. 7 x CLK PLL
also generate the control signal “SHIFT/LOAD”. This signal is also used by the Parallel ~ LOAD 7 Bit Shift
Register to indicate when to load data or shift data.
Parallel ~ LOAD 7 Bit shift Register
This block transfers 7 bits parallel data into one bit series data out. It is controlled by SHIFT/LOAD. If this control
signal is low, the data are loaded into shift registers. Next, the SHIFT/LOAD turns high to shift data from shift
register to output buffer seven times. One load and then seven shift.
Ref:
There are two properties in this block. One is that it supports reference voltage to fine the output’s common mode
voltage. Another is that it generates about (4ns ~6ns) pulse width’s power on reset signal. When power on, all
block would be reset by power on reset signal to make sure that the circuit would not stuck-at some situation we
do not care.
Output buffer
There are four data output buffers and one clock output buffer. Output buffer generates differential pair output
that swing is under 500 ~ 900mV, and common-mode voltage is under 1.125V ~ 1.375V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com