Electronic Components Datasheet Search
  English  ▼

X  

CS5828 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # CS5828
Description  28:4 LVDS Transmitter
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CS5828 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  CS5828 Datasheet HTML 1Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 2Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 3Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 4Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 5Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 6Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 7Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 8Page - List of Unclassifed Manufacturers CS5828 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
BLOCK DIAGRAM
GENERAL DESCRIPTION
FEATURES
CS5828
28:4 LVDS Transmitter
USA:
4020 Moorpark Avenue Suite 115
San Jose, CA, 95117
Tel: 408-243-8388 Fax: 408-243-3188
Sales@myson.com.tw
www.myson.com.tw
Rev.1.4 August 2002
page 1 of 13
Myson Century, Inc.
Taiwan:
No. 2, Industry East Rd. III,
Science-Based Industrial Park, Hsin-Chu, Taiwan
Tel: 886-3-5784866 Fax: 886-3-5784349
The CS5828 receives four sets of 7-bit data in
CMOS logic level and converts them into four low-
voltage differential signaling (LVDS) serial channels.
The 7-bit input data is referenced to the CKIN signal.
The RF pin selects either rising or falling edge trigger
of CKIN. Parallel to serial conversion is performed by
a 7X internal generated clock reference using on-
chip PLL using CKIN. A copy of CKIN but phase-
locked to the output serial streams, CLKOUT, is also
converted to the fifth LVDS channel. The CS5828
offers a reliable communication media using LVDS
signaling and provides low EMI dealing with wide,
high-speed TTL interfaces.
This is especially attractive for interfaces between
GUI controller and display systems such as LCD
panels for SVGA/XGA/SXGA applications.
• Four 7-bit serial and one clock LVDS channels.
• Compatible with ANSI TIA/EIA-644 LVDS stan-
dard.
• Wide CKIN ranges from 31MHz to 85MHz.
• Fully integrated on-chip PLL that provides 7X
CKIN serial shift clock.
• Pin selectable for rising or falling edge trigger.
• Support power-down mode.
• 5V/3.3V tolerant data input.
• Single 3.3V supply operation.
• CMOS low power consumption.
• Functional compatible with DS90C385.
• Available in 56-pin TSSOP package.
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
SHIFT/LOAD_N
DIN
CLK
PHASE LOCK LOOP
R/F
CLK
7xCLK
SHIFT/LOAD_N
CONTROL LOGIC
D19,D20,D21,D22,
D27,D5,D10,D11,
RF
CKIN
SHTDN
EN
CKOP
CKON
CS5828
DIN
CLK
DIN
CLK
SHIFT/LOAD_N
SHIFT/LOAD_N
EN
Y3P
Y3N
EN
Y2P
Y2N
EN
Y1P
Y1N
EN
Y0P
Y0N
PARALLEL-IN SERIAL-OUT
7-Bit SHIFT REGISTER
DIN
CLK
SHIFT/LOAD_N
D0,D1,D2,D3,
D4,D6,D7
D8,D9,D12,D13,
D14,D15,D18
D24,D25,D26
D16,D17,D23


Similar Part No. - CS5828

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CS5820 ETC1-CS5820 Datasheet
135Kb / 12P
21:3 LVDS Transmitter
CS5821 ETC1-CS5821 Datasheet
185Kb / 14P
21:3 LVDS Receiver
CS5823 ETC1-CS5823 Datasheet
41Kb / 1P
TMDS Receiver
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
28:4 LVDS Receiver
More results

Similar Description - CS5828

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS93 TI-SN65LVDS93 Datasheet
192Kb / 14P
LVDS SERDES TRANSMITTER
SN65LVDS95 TI-SN65LVDS95 Datasheet
177Kb / 13P
LVDS SERDES TRANSMITTER
logo
List of Unclassifed Man...
CS5824 ETC1-CS5824 Datasheet
194Kb / 13P
28:4 LVDS Transmitter
CS5825 ETC1-CS5825 Datasheet
127Kb / 13P
28:4 LVDS Receiver
logo
Texas Instruments
SN65LVDS95-EP TI1-SN65LVDS95-EP Datasheet
364Kb / 15P
LVDS SERDES TRANSMITTER
SN65LVDS95-Q1 TI1-SN65LVDS95-Q1 Datasheet
223Kb / 14P
LVDS SERDES TRANSMITTER
SN65LVDS95DGGR TI-SN65LVDS95DGGR Datasheet
454Kb / 18P
LVDS SERDES TRANSMITTER
logo
Rohm
BU90T81 ROHM-BU90T81 Datasheet
531Kb / 14P
27bit LVDS Transmitter
BU8254GUW ROHM-BU8254GUW Datasheet
450Kb / 21P
35bit LVDS Transmitter
BU8254KVT ROHM-BU8254KVT_13 Datasheet
456Kb / 21P
35bit LVDS Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com