Electronic Components Datasheet Search
  English  ▼

X  

LM3355 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM3355
Description  Regulated 50mA Buck-Boost Switched Capacitor DC/DC Converter
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM3355 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LM3355 Datasheet HTML 1Page - National Semiconductor (TI) LM3355 Datasheet HTML 2Page - National Semiconductor (TI) LM3355 Datasheet HTML 3Page - National Semiconductor (TI) LM3355 Datasheet HTML 4Page - National Semiconductor (TI) LM3355 Datasheet HTML 5Page - National Semiconductor (TI) LM3355 Datasheet HTML 6Page - National Semiconductor (TI) LM3355 Datasheet HTML 7Page - National Semiconductor (TI) LM3355 Datasheet HTML 8Page - National Semiconductor (TI) LM3355 Datasheet HTML 9Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Connection Diagram
Ordering Information
Order Number
Package Type
NSC Package Drawing
Supplied As
LM3355MMX-4.1
MSOP-10
MUB10A
3.5k Units, Tape and Reel
LM3355MM-4.1
MSOP-10
MUB10A
1k Units, Tape and Reel
Pin Description
Pin Number
Name
Function
1V
IN
Input Supply Voltage
2
C1−
Negative Terminal for C1
3
C1+
Positive Terminal for C1
4
GND
Ground
5
GND
Ground
6C
FIL
Filter Capacitor, a 1µF capacitor is recommended.
7SD
Shutdown, active low
8V
OUT
Regulated Output Voltage
9
C2−
Negative Terminal for C2
10
C2+
Positive Terminal for C2
DS200219-2
Top View
MSOP-10 Pin Package
See NS Package Number MUB10A
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com